Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74A0-3.3VCTTR Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce TC74A0-3.3VCTTR
Description  Tiny Serial Digital Thermal Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74A0-3.3VCTTR Fiches technique(HTML) 10 Page - Microchip Technology

Back Button TC74A0-3.3VCTTR Datasheet HTML 6Page - Microchip Technology TC74A0-3.3VCTTR Datasheet HTML 7Page - Microchip Technology TC74A0-3.3VCTTR Datasheet HTML 8Page - Microchip Technology TC74A0-3.3VCTTR Datasheet HTML 9Page - Microchip Technology TC74A0-3.3VCTTR Datasheet HTML 10Page - Microchip Technology TC74A0-3.3VCTTR Datasheet HTML 11Page - Microchip Technology TC74A0-3.3VCTTR Datasheet HTML 12Page - Microchip Technology TC74A0-3.3VCTTR Datasheet HTML 13Page - Microchip Technology TC74A0-3.3VCTTR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC74
DS21462D-page 10
 2001-2012 Microchip Technology Inc.
5.2
Taping Forms
Carrier Tape, Number of Components Per Reel and Reel Size:
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
5-Pin SOT-23A
8 mm
4 mm
3000
7 in.
Component Taping Orientation for 5-Pin SOT-23A (EIAJ SC-74A) Devices
Device
Marking
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
(Mark Right Side Up)
W
P


Numéro de pièce similaire - TC74A0-3.3VCTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC74A0-33VAT MICROCHIP-TC74A0-33VAT Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
TC74A0-33VCT MICROCHIP-TC74A0-33VCT Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
More results

Description similaire - TC74A0-3.3VCTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC74 MICROCHIP-TC74 Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
21462C MICROCHIP-21462C Datasheet
325Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
logo
ON Semiconductor
MC74 ONSEMI-MC74 Datasheet
122Kb / 12P
   Serial Digital Temperature Sensor
February, 2000 ??Rev. 0
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com