Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST38VF6404B-70-5I-CD Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce SST38VF6404B-70-5I-CD
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6404B-70-5I-CD Fiches technique(HTML) 25 Page - Microchip Technology

Back Button SST38VF6404B-70-5I-CD Datasheet HTML 21Page - Microchip Technology SST38VF6404B-70-5I-CD Datasheet HTML 22Page - Microchip Technology SST38VF6404B-70-5I-CD Datasheet HTML 23Page - Microchip Technology SST38VF6404B-70-5I-CD Datasheet HTML 24Page - Microchip Technology SST38VF6404B-70-5I-CD Datasheet HTML 25Page - Microchip Technology SST38VF6404B-70-5I-CD Datasheet HTML 26Page - Microchip Technology SST38VF6404B-70-5I-CD Datasheet HTML 27Page - Microchip Technology SST38VF6404B-70-5I-CD Datasheet HTML 28Page - Microchip Technology SST38VF6404B-70-5I-CD Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS25002B-page 25
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
5.2
DC Characteristics
TABLE 5-11:
DC OPERATING CHARACTERISTICS VDD = 2.7-3.6V
1
1. Typical conditions for the Active Current shown on the front page of the data sheet are average values at 25°C
(room temperature), and VDD = 3V. Not 100% tested.
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VILT/VIHT
2, V
DD=VDD Max
2. See Figure 6-22
Read3
3. The IDD current listed is typically less than 2mA/MHz, with OE# at VIH. Typical VDD is 3V.
30
mA
CE#=VIL, OE#=WE#=VIH at f= 5 MHz
Intra-Page Read @5 MHz
2.5
mA
CE#=VIL, OE#=WE#=VIH
Intra-Page Read @40 MHz
20
mA
CE#=VIL, OE#=WE#=VIH
Program and Erase
35
mA
CE#=WE#=VIL, OE#=VIH
Program-Write-Buffer-
to-Flash
50
mA
CE#=WE#=VIL, OE#=VIH
ISB
Standby VDD Current
40
µA
CE#=VIHC, VDD=VDD Max
IALP
Auto Low Power
40
µA
CE#=VILC, VDD=VDD Max
All inputs=VSS or VDD, WE#=VIHC
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILIW
Input Leakage Current
on WP# pin and RST#
10
µA
WP#=GND to VDD or RST#=GND to
VDD
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VILC
Input Low Voltage (CMOS)
0.3
V
VDD=VDD Max
VIH
Input High Voltage
0.7VDD
VVDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 µA, VDD=VDD Min
TABLE 5-12:
CAPACITANCE (TA = 25°C, F=1 MHZ, OTHER PINS OPEN)
Parameter
Description
Test Condition
Maximum
CI/O
1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN
1
Input Capacitance
VIN = 0V
6 pF
TABLE 5-13:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND
1,2
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
2. NEND endurance rating is qualified as 100,000 cycles minimum per block.
Endurance
100,000
Cycles
JEDEC Standard A117
TDR
1
Data Retention
100
Years
JEDEC Standard A103
ILTH
1
Latch Up
100 + IDD
mA
JEDEC Standard 78


Numéro de pièce similaire - SST38VF6404B-70-5I-CD

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
SST38VF6404B-70I/CD MICROCHIP-SST38VF6404B-70I/CD Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6404B-70I/TV MICROCHIP-SST38VF6404B-70I/TV Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
More results

Description similaire - SST38VF6404B-70-5I-CD

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com