Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST89V516RD Fiches technique(PDF) 73 Page - Microchip Technology

No de pièce SST89V516RD
Description  FlashFlex MCU
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST89V516RD Fiches technique(HTML) 73 Page - Microchip Technology

Back Button SST89V516RD Datasheet HTML 69Page - Microchip Technology SST89V516RD Datasheet HTML 70Page - Microchip Technology SST89V516RD Datasheet HTML 71Page - Microchip Technology SST89V516RD Datasheet HTML 72Page - Microchip Technology SST89V516RD Datasheet HTML 73Page - Microchip Technology SST89V516RD Datasheet HTML 74Page - Microchip Technology SST89V516RD Datasheet HTML 75Page - Microchip Technology SST89V516RD Datasheet HTML 76Page - Microchip Technology SST89V516RD Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
©2013 Silicon Storage Technology, Inc.
DS25093B
02/13
73
FlashFlex MCU
SST89E516RD2 / SST89E516RD
SST89V516RD2 / SST89V516RD
Data Sheet
Electrical Specification
Note: This specification contains preliminary information on new products in production.
The specifications are subject to change without notice.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Ambient Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Voltage on EA# Pin to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +14.0V
D.C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20ns) on Any Other Pin to VSS. . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD+1.0V
Maximum IOL per I/O Pins P1.5, P1.6, P1.7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum IOL per I/O for All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mA
Package Power Dissipation Capability (TA = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5W
Through Hole Lead Soldering Temperature (10 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300°C
Surface Mount Solder Reflow Temperature1 . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
1. Excluding certain with-Pb 32-PLCC units, all packages are 260
°C capable in both non-Pb and with-Pb solder versions.
Certain with-Pb 32-PLCC package types are capable of 240
°C for 10 seconds; please consult the factory for the latest
information.
Output Short Circuit Current2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
2. Outputs shorted for no more than one second. No more than one output shorted at a time.
(Based on package heat transfer limitations, not device power consumption.
Table 31: Operating Range
Symbol
Description
Min.
Max
Unit
TA
Ambient Temperature Under Bias
Standard
0
+70
°C
Industrial
-40
+85
°C
VDD
Supply Voltage
SST89E516RDx
4.5
5.5
V
SST89V516RDx
2.7
3.6
V
fOSC
Oscillator Frequency
SST89E516RDx
0
40
MHz
SST89V516RDx
0
33
MHz
Oscillator Frequency for IAP
SST89E516RDx
.25
40
MHz
SST89V516RDx
.25
33
MHz
T0-0.0 25093


Numéro de pièce similaire - SST89V516RD

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Storage Technol...
SST89V516RD SST-SST89V516RD Datasheet
831Kb / 81P
   FlashFlex MCU
SST89V516RD-33-C-PIE SST-SST89V516RD-33-C-PIE Datasheet
831Kb / 81P
   FlashFlex MCU
SST89V516RD-33-C-QIF SST-SST89V516RD-33-C-QIF Datasheet
831Kb / 81P
   FlashFlex MCU
SST89V516RD-33-I-QIF SST-SST89V516RD-33-I-QIF Datasheet
831Kb / 81P
   FlashFlex MCU
SST89V516RD2 SST-SST89V516RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
More results

Description similaire - SST89V516RD

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Storage Technol...
SST89E516RD2 SST-SST89E516RD2_07 Datasheet
831Kb / 81P
   FlashFlex MCU
SST89E564RD SST-SST89E564RD_07 Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E52RC SST-SST89E52RC Datasheet
653Kb / 57P
   FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A_13 Datasheet
756Kb / 91P
   FlashFlex MCU
SST89E54RD SST-SST89E54RD Datasheet
934Kb / 81P
   FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A Datasheet
1Mb / 84P
   FlashFlex MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com