Moteur de recherche de fiches techniques de composants électroniques |
|
TC52 Fiches technique(PDF) 2 Page - Microchip Technology |
|
TC52 Fiches technique(HTML) 2 Page - Microchip Technology |
2 / 12 page TC52 DS21430C-page 2 2001-2012 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings* Input Voltage ........................................................+12V Output Current ....................................................50mA Output Voltage.......................VIN + 0.3V to VSS – 0.3V Power Dissipation 5-Pin SOT-23A ...........................................100mW Operating Temperature Range............. -40°C to +85°C Storage Temperature Range ..............-40°C to +125°C *Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. TC52 ELECTRICAL SPECIFICATIONS Electrical Characteristics: TA = 25°C, unless otherwise specified. Note 1. Symbol Parameter Min Typ Max Units Test Conditions VIN Operating Voltage 1.5 — 10.0 V VDF (T) = 1.5 to 5.0V ISS Supply Current — — — — — 1.35 1.50 1.95 2.40 3.00 3.90 4.50 5.10 5.70 6.30 AV IN1 = 1.5V VIN1 = 2.0V VIN1 = 3.0V VIN1 = 4.0V VIN1 = 5.0V IIN2 Input Current VIN2 — — — — — 0.45 0.50 0.65 0.80 1.00 1.30 1.50 1.70 1.90 2.10 AV IN1 = 1.5V VIN1 = 2.0V VIN1 = 3.0V VIN1 = 4.0V VIN1 = 5.0V VDET1 - Channel 1 Detect Voltage VT1 x 0.98 VT1 ±0.5% VT1 x 1.02 V Note 2 VDET2 - Channel 2 Detect Voltage VT2 x 0.98 VT2 ±0.5% VT2 x 1.02 V Note 2 VHYS1 Hysteresis Range 1 VDET1 - x 0.02 VDET1 - x 0.05 VDET1 - x 0.08 V VHYS2 Hysteresis Range 2 VDET2 - x 0.02 VDET2 - x 0.05 VDET2 - x 0.08 V IOUT Output Current 0.3 3.0 5.0 6.0 7.0 2.2 7.7 10.1 11.5 13.0 — — — — — mA VOL = 0.5V, VIN1 = 1.0V VIN1 = 2.0V VIN1 = 3.0V VIN1 = 4.0V VIN1 = 5.0V V DET -/ ( T OPR VDET -) Temperature Characteristics — ±100 — ppm/°C -40°C T OPR 85°C tDLY Detection Time — — 0.2 msec Time from VIN = VDET - to VOUT = VOL Note 1: Additional resistance between the VIN1 pin and the supply voltage may alter the electrical characteristics. 2: VT1, VT2 are the factory-programmed voltage detection thresholds. |
Numéro de pièce similaire - TC52_13 |
|
Description similaire - TC52_13 |