Moteur de recherche de fiches techniques de composants électroniques |
|
TC32MCDB Fiches technique(PDF) 8 Page - Microchip Technology |
|
TC32MCDB Fiches technique(HTML) 8 Page - Microchip Technology |
8 / 14 page TC32M DS21402D-page 8 2001-2012 Microchip Technology Inc. 4.3 Package Dimensions .264 (6.70) .248 (6.30) .122 (3.10) .114 (2.90) .287 (7.30) .264 (6.70) .146 (3.70) .130 (3.30) .091 (2.30) Typ. .071 (1.80) Max. .181 (4.60) Typ. .036 (0.91) Min. .041 (1.04) .033 (0.84) Pin 1 .013 (0.33) .009 (0.24) .031 (0.80) .024 (0.60) .004 (0.10) .001 (0.02) 10 ° Max. 3-Pin SOT-223 Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging .105 (2.67) .095 (2.41) .018 (0.46) .015 (0.38) .135 (3.43) Min. .500 (12.70) Min. .210 (5.33) .170 (4.32) .205 (5.21) .175 (4.45) .165 (4.19) .125 (3.18) .105 (2.67) .080 (2.03) .055 (1.40) .045 (1.14) .018 (0.46) .015 (0.38) TO-92-3 Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |
Numéro de pièce similaire - TC32MCDB |
|
Description similaire - TC32MCDB |