Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST38VF6401B Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce SST38VF6401B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401B Fiches technique(HTML) 19 Page - Microchip Technology

Back Button SST38VF6401B Datasheet HTML 15Page - Microchip Technology SST38VF6401B Datasheet HTML 16Page - Microchip Technology SST38VF6401B Datasheet HTML 17Page - Microchip Technology SST38VF6401B Datasheet HTML 18Page - Microchip Technology SST38VF6401B Datasheet HTML 19Page - Microchip Technology SST38VF6401B Datasheet HTML 20Page - Microchip Technology SST38VF6401B Datasheet HTML 21Page - Microchip Technology SST38VF6401B Datasheet HTML 22Page - Microchip Technology SST38VF6401B Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS25002B-page 19
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
Global Lock of NVPBs
Global Lock of
NVPBs Entry
555H
AAH
2AAH
55H
555H
50H
Set Global
Lock Bit
XXH
A0H
XXH
00H
Global Lock
Bit Status
Read3
XXXH
Data13
Global Lock of
NVPBs Exit
XXH
90H
XXH
00H
Password Commands
Password
Commands
Mode Entry
555H
AAH
2AAH
55H
555H
60H
Password Pro-
gram18
XXH
A0H
PWAX
PWDX
Password
Read3
PWAX
PWDX
Submit Pass-
word19
00H
25H
00H
03H
00H
PWD0
01H
PWD1
02H
PWD2
03H
PWD3
00H
29H
Password
Commands
Mode Exit
XXH
90H
XXH
00H
Program and Settings Register (PSR)
PSR Entry
555H
AAH
2AAH
55H
555H
40H
PSR Program
XXH
A0H
XXXH
Data
PSR Read3
XXH
Data
PSR Exit
XXH
90H
XXH
00H
CFI
CFI Query
Entry
55H
98H
Software ID
Exit/CFI Exit14
XXH
F0H
Irreversible Block Lock
Irreversible
Block Lock20
555H
AAH
2AAH
55H
555H
87H
XXH
00H
1. Address format A10-A0 (Hex). Addresses A11- A21 can be VIL or VIH, but no other value, for the SST38VF6401B/6402B/
6403B/6404B command sequence.
2. DQ15-DQ8 can be VIL or VIH, but no other value, for command sequence
3. All read commands are in Bold Italics.
4. Total number of cycles in this command sequence depends on the number of words to be written to the buffer.
Additional words are written by repeating Write Cycle 5. Address (WAX) values for Write Cycle 6 and later must have the
same A21-A4 values as WAX in Write Cycle 5.
WC = Word Count. The value of WC is the number of words to be written into the buffer, minus 1. Maximum WC value is 15
(i.e. F Hex)
5. Erase-Suspend and Erase-Resume commands are also available in Bypass Mode.
6. Once in SEC ID mode, the Word-Program, Write-Buffer Programming, and Bypass Word-Program features can be used to
program the SEC ID area.
7. Lock-out Status is read with A7-A0 = FFH. Unlocked: DQ3 = 1 / Locked: DQ3 = 0. Lock status can also be checked by reading
Bit ‘0’ in the PSR.
8. The device does not remain in Software Product ID Mode if powered down.
9. With AMS-A1 =0; Microchip Manufacturer ID = 00BFH, is read with A0 = 0,
SST38VF6401B/6402B/6403B/6404B Device IDs are read with the results shown in Table 4-3 on page 12.
10. BAX02: AMS-A15 = Block Address; A14-A8 = xxxxxx; A7-A0 = 02
TABLE 5-2:
SOFTWARE COMMAND SEQUENCE (CONTINUED) (SHEET 3 OF 3)
Command
Sequence
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
7th Bus
Cycle
Addr1
Data
2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1 Data2


Numéro de pièce similaire - SST38VF6401B

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401B-70I/CD MICROCHIP-SST38VF6401B-70I/CD Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401B-70I/TV MICROCHIP-SST38VF6401B-70I/TV Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401BT-70I/CD MICROCHIP-SST38VF6401BT-70I/CD Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401BT-70I/TV MICROCHIP-SST38VF6401BT-70I/TV Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
More results

Description similaire - SST38VF6401B

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com