Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T2349 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce T2349
Description  A range of professional quality tweezers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

T2349 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  T2349 Datasheet HTML 1Page - List of Unclassifed Manufacturers T2349 Datasheet HTML 2Page - List of Unclassifed Manufacturers T2349 Datasheet HTML 3Page - List of Unclassifed Manufacturers T2349 Datasheet HTML 4Page - List of Unclassifed Manufacturers T2349 Datasheet HTML 5Page - List of Unclassifed Manufacturers T2349 Datasheet HTML 6Page - List of Unclassifed Manufacturers T2349 Datasheet HTML 7Page - List of Unclassifed Manufacturers T2349 Datasheet HTML 8Page - List of Unclassifed Manufacturers T2349 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright Carl Kammerling International Ltd
T2340
Precision Tweezer 110mm
5013969188806
82032010
1
T2341
Precision Tweezer 110mm
5013969212709
82032010
1
T2343
Precision Tweezer 130mm
5013969213102
82032010
1
T2345A
Precision Ceramic Tweezer 140mm
5013969815085
82032010
1
T2349
Precision Tweezer Cross Pattern 120mm
5013969229905
82032010
1
T2351
Precision Positioning Tweezer 115mm
5013969243505
82032010
1
T2354
Precision Positioning Tweezer 115mm
5013969244403
82032010
1
T2359
Precision Positioning Tweezer 150mm
5013969282801
82032010
1
T2360
Precision Positioning Tweezer 120mm
5013969282900
82032010
1
T2364
Precision Tweezer Flat Tip 105mm
5013969236101
82032010
1
T2381
Precision Tweezer 120mm
5013969982268
82032010
1
T2390
Carbofib Positioning Tweezer 130mm
5013969982343
82032010
1
T2391
Carbofib Positioning Tweezer 130mm
5013969982350
82032010
1
T2392
Carbofib Positioning Tweezer 130mm
5013969982367
82032010
1
Technical
product
information
Specification
Fig
Type
Tip Type
Material
code
Coating
T2301
Universal
Fine, blunt, 2mm wide, finely milled inside
C
Nickel
T2302
Universal
Fine, blunt, 2mm wide, finely milled inside
C
Black
T2307
Universal
Blunt, 3.5mm wide, finely milled inside
C
Nickel
T2308
Universal
Blunt, 3.5mm wide, finely milled inside
C
Black
T2308A
Universal
Blunt, 3.5mm wide, finely milled inside
C
PVC
T2309
Universal
Blunt, 2mm wide, fine cross cut inside
C
Nickel
T2313A
Cross pattern, reverse action
Fine, bent, 2.5mm wide
C
Nickel
T2314
Universal Pin Guided
Fine, blunt, 2mm wide, finely milled inside
C
Nickel
T2315
Universal Pin Guided
Fine, blunt, 2mm wide, finely milled inside
C
Black
T2316
Precision
Fine, straight
SA
None
T2317
Precision
Fine, bent
SA
None
T2318
Precision
Fine, straight, extra long
SA
None
T2319
Precision
Fine, straight, extra long
S
None
T2327
Radio
Fine, blunt, 2mm wide, finely milled inside
C
Nickel
T2328
Radio
Fine, blunt, bent, 2mm wide, finely milled inside
C
Nickel
T2330
Precision
Superfine, bent
SA
None
T2331
Precision
Superfine, offset, bent
SA
None
T2334
Positioning
For SOT-package, Monolithic chip, capacitors etc
SA
None
T2336
Positioning
Grooved, bent, for cylindrical devices up to 1mm Dia
SA
None
T2339
Precision
Fine, straight
SA
None
T2340
Precision
Fine, sharp, straight
SA
None
T2341
Precision
Superfine, straight
SA
None
T2343
Precision
Fine, straight
SA
None
T2345A
Ceramic
Fine, straight
CER
Nickel
T2349
Cross pattern, reverse action
For SOT-package, Monolithic chip, capacitors etc
SA
None
T2351
Positioning
Round inside, for cylindrical devices up to 1mm Dia
SA
None
T2354
Positioning
Round inside, for cylindrical devices up to 2mm Dia
SA
None
T2359
Positioning
Fine, bent, cross cut inside
SA
None
T2360
Positioning
Flat, round, straight
SA
None
T2364
Flat
Spatula flat
SA
None
T2381
Precision
Fine, curved
SA
None
T2390
Positioning
Fine
CER
Nickel
T2391
Positioning
Fine, extra slim
CER
Nickel
T2392
Positioning
Round, 2mm wide
CER
Nickel
Material type


Numéro de pièce similaire - T2349

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
T23-50FR MACOM-T23-50FR Datasheet
48Kb / 1P
   CABLE BREAKOUT BOOTS, THREE ENTRY
logo
EPCOS
T23-A230X EPCOS-T23-A230X Datasheet
62Kb / 4P
   SURGE ARRESTER 3-electrode arrester
T23-A230X EPCOS-T23-A230X Datasheet
62Kb / 4P
   SURGE ARRESTER 3-electrode arrester
T23-A230XF4 EPCOS-T23-A230XF4 Datasheet
66Kb / 4P
   SURGE ARRESTER 3-electrode arrester
T23-A250X EPCOS-T23-A250X Datasheet
62Kb / 4P
   SURGE ARRESTER 2-electrode arrester
More results

Description similaire - T2349

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
49783 ETC2-49783 Datasheet
259Kb / 3P
   Professional Quality Tweezers
44521 ETC-44521 Datasheet
264Kb / 3P
   Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
702-0400 ETC2-702-0400 Datasheet
415Kb / 1P
   PROFESSIONAL QUALITY - PANEL SOCKET
5911 ETC2-5911 Datasheet
154Kb / 3P
   Professional quality inspection mirrors
T0814 ETC1-T0814 Datasheet
162Kb / 4P
   Professional quality Hacksaws and Junior Hacksaws
logo
Advanced Crystal Techno...
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
   a range of VCTCXOs
11-10-05
logo
OmniVision Technologies...
OV7960 OMNIVISION-OV7960 Datasheet
1Mb / 2P
   Superior Image Quality for Professional Grade CCTV Cameras
logo
Advanced Crystal Techno...
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
   a range of VCTCXOs
27/09/05
logo
OmniVision Technologies...
OV7962 OMNIVISION-OV7962 Datasheet
981Kb / 2P
   Superior Image Quality for Professional Grade IP Cameras
logo
Hammond Manufacturing L...
1589H4C1 HAMMOND-1589H4C1 Datasheet
61Kb / 2P
   Supply of commercial / industrial quality bars 20 A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com