Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS8433A Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDS8433A
Description  Single P-Channel 2.5V Specified MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8433A Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDS8433A Datasheet HTML 1Page - Fairchild Semiconductor FDS8433A Datasheet HTML 2Page - Fairchild Semiconductor FDS8433A Datasheet HTML 3Page - Fairchild Semiconductor FDS8433A Datasheet HTML 4Page - Fairchild Semiconductor FDS8433A Datasheet HTML 5Page - Fairchild Semiconductor FDS8433A Datasheet HTML 6Page - Fairchild Semiconductor FDS8433A Datasheet HTML 7Page - Fairchild Semiconductor FDS8433A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS8433A Rev. B1
Typical Characteristics (continued)
Figure 7. Gate-Charge Characteristics.
Figure 8. Capacitance Characteristics.
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1.
Transient themal response will change depending on the circuit board design.
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
2000
3000
-V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
0
4
8
121620
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
V
= -5V
DS
-10V
-15V
I
=-5.0A
D
0.1
0.2
0.5
1
2
5
10
20
50
0.01
0.1
1
10
100
-V
, DRAIN-SOURCE VOLTAGE (V)
RD
S(O
N) L
IMI
T
DS
V
= -4.5V
SINGLE PULSE
R
= 125°C/W
T
= 25°C
θJA
GS
A
DC
1s
100m
s
10m
s
1m
s
10
s
100
us
0.001
0.01
0.1
1
10
100
300
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=125°C/W
T = 25°C
θJA
A
0 .000 1
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , T IM E (se c)
1
Sin gle Pu ls e
D = 0.5
0.1
0.05
0.02
0.01
0.2
D uty C y cle, D = t /t
1
2
T - T
= P * R
(t)
θJA
A
J
P(p k )
t1
t 2
R
(t) = r(t) * R
R
=125°C /W
θJA
θJA
θJA


Numéro de pièce similaire - FDS8433A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8433A FAIRCHILD-FDS8433A Datasheet
84Kb / 5P
   Single P-Channel 2.5V Specified MOSFET
FDS8433A FAIRCHILD-FDS8433A_00 Datasheet
84Kb / 5P
   Single P-Channel 2.5V Specified MOSFET
More results

Description similaire - FDS8433A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8433A FAIRCHILD-FDS8433A_00 Datasheet
84Kb / 5P
   Single P-Channel 2.5V Specified MOSFET
FDN336P FAIRCHILD-FDN336P Datasheet
64Kb / 5P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN336P FAIRCHILD-FDN336P_05 Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDS9431A FAIRCHILD-FDS9431A_10 Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
FDS9431A FAIRCHILD-FDS9431A Datasheet
204Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com