Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9943KCPZ1 Fiches technique(PDF) 15 Page - Analog Devices

No de pièce AD9943KCPZ1
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9943KCPZ1 Fiches technique(HTML) 15 Page - Analog Devices

Back Button AD9943KCPZ1 Datasheet HTML 11Page - Analog Devices AD9943KCPZ1 Datasheet HTML 12Page - Analog Devices AD9943KCPZ1 Datasheet HTML 13Page - Analog Devices AD9943KCPZ1 Datasheet HTML 14Page - Analog Devices AD9943KCPZ1 Datasheet HTML 15Page - Analog Devices AD9943KCPZ1 Datasheet HTML 16Page - Analog Devices AD9943KCPZ1 Datasheet HTML 17Page - Analog Devices AD9943KCPZ1 Datasheet HTML 18Page - Analog Devices AD9943KCPZ1 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD9943/AD9944
Rev. B | Page 15 of 20
CIRCUIT DESCRIPTION AND OPERATION
6dB TO 40dB
CCDIN
DIGITAL
FILTERING
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
DOUT
10-/12-BIT
ADC
VGA
8-BIT
DAC
CLAMP LEVEL
REGISTER
8
VGA GAIN
REGISTER
10
CDS
INTERNAL
VREF
2V FULL SCALE
10/12
0.1
µF
Figure 12. CCD Mode Block Diagram
The AD9943/AD9944 signal processing chain is shown in
Figure 12. Each processing step is essential for achieving a high
quality image from the raw CCD pixel data.
DC RESTORE
To reduce the large dc offset of the CCD output signal, a dc
restore circuit is used with an external 0.1 µF series coupling
capacitor. This restores the dc level of the CCD signal to
approximately 1.5 V, which is compatible with the 3 V single
supply of the AD9943/AD9944.
CORRELATED DOUBLE SAMPLER
The CDS circuit samples each CCD pixel twice to extract video
information and reject low frequency noise. The timing shown
in Figure 14 illustrates how the two CDS clocks, SHP and SHD,
are used, respectively, to sample the reference level and data
level of the CCD signal. The CCD signal is sampled on the
rising edges of SHP and SHD. Placement of these two clock
signals is critical for achieving the best performance from the
CCD. An internal SHP/SHD delay (tID) of 3 ns is caused by
internal propagation delays.
OPTICAL BLACK CLAMP
The optical black clamp loop is used to remove residual offsets
in the signal chain and to track low frequency variations in the
CCD’s black level. During the optical black (shielded) pixel
interval on each line, the ADC output is compared with the
fixed black level reference selected by the user in the clamp level
register. The resulting error signal is filtered to reduce noise, and
the correction value is applied to the ADC input through a D/A
converter. Normally, the optical black clamp loop is turned on
once per horizontal line, but this loop can be updated more
slowly to suit a particular application. If external digital
clamping is used during the post processing, the optical black
clamping for the AD9943/AD9944 may be disabled using
Bit D3 in the operation register. Refer to Table 9 and Figure 10
and Figure 11.
When the loop is disabled, the clamp level register may still be
used to provide programmable offset adjustment. Horizontal
timing is shown in Figure 15. The CLPOB pulse should be
placed during the CCD’s optical black pixels. It is recommended
that the CLPOB pulse be used during valid CCD dark pixels.
The CLPOB pulse should be a minimum of 20 pixels wide to
minimize clamp noise. Shorter pulse widths may be used, but
clamp noise may increase and the loop’s ability to track low
frequency variations in the black level is reduced.


Numéro de pièce similaire - AD9943KCPZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9943KCPZ AD-AD9943KCPZ Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943KCPZRL AD-AD9943KCPZRL Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results

Description similaire - AD9943KCPZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9945 AD-AD9945 Datasheet
222Kb / 16P
   Complete 12-Bit 40 MHz CCD Signal Processor
REV. A
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
   Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
   COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com