Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

00-9176-002-001-106 Fiches technique(PDF) 3 Page - AVX Corporation

No de pièce 00-9176-002-001-106
Description  Discrete Wire IDC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

00-9176-002-001-106 Fiches technique(HTML) 3 Page - AVX Corporation

  00-9176-002-001-106 Datasheet HTML 1Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 2Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 3Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 4Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 5Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 6Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 7Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 8Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Discrete Wire IDC
Series 9176
18-24 AWG 1 WAY IDC CONNECTOR
NOTES:
1. CONNECTOR FOR IDC WIRE TO BOARD CONNECTION.
2. CONTACT MATERIAL: PHOSPHOR BRONZE.
INSULATION MATERIAL: HIGH TEMPERATURE NYLON 46.
COLOR REFER TO PAGE 9.
3. CONNECTOR DESIGNED TO ACCEPT BETWEEN 24 AND 18 GAUGE
STRANDED WIRE.
4. ALL DIMENSIONS FOR REFERENCE UNLESS OTHERWISE STATED.
5. FOR FULL PRODUCT SPECIFICATION REFER TO ELCO SPEC 201-01-106 AND
APPLICATION NOTES 201-01-124.
6. FOR PCB SPACE RESTRICTED BY WIRE ASSEMBLY TOOLING REFER TO PAGE 16.
7. FOR HAND WIRE ASSEMBLY TOOLING REFER TO PAGE 16.
PACKING DETAILS
REEL QTY
1000
LEADER
480MM
TRAILER
120MM
SMT PCB LAYOUT
PURE TIN PADS
Code
Accepted
A
Wire
B
Wire Gauge
Insulation
001 18 Gauge Stranded 0.72
Ø 1.6-2.1
2.1
011 20 Gauge Stranded 0.60
Ø 1.6-2.1
2.1
022 22 Gauge Stranded 0.47
Ø 1.1-1.6
1.6
032 24 Gauge Stranded 0.37
Ø 1.1-1.6
1.6
11


Numéro de pièce similaire - 00-9176-002-001-106

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
00-9176-00X-7XX-XX6 AVX-00-9176-00X-7XX-XX6 Datasheet
998Kb / 8P
   18-24AWG IDC WIRE TO BOARD CONNECTOR
More results

Description similaire - 00-9176-002-001-106

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
009176001001006 AVX-009176001001006 Datasheet
317Kb / 8P
   SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
009177003033006 AVX-009177003033006 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
logo
Molex Electronics Ltd.
91935-9004 MOLEX-91935-9004 Datasheet
106Kb / 2P
   Picoflex짰 Discrete Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com