Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4421AVAT Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce TC4421AVAT
Description  9A High-Speed MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4421AVAT Fiches technique(HTML) 5 Page - Microchip Technology

  TC4421AVAT Datasheet HTML 1Page - Microchip Technology TC4421AVAT Datasheet HTML 2Page - Microchip Technology TC4421AVAT Datasheet HTML 3Page - Microchip Technology TC4421AVAT Datasheet HTML 4Page - Microchip Technology TC4421AVAT Datasheet HTML 5Page - Microchip Technology TC4421AVAT Datasheet HTML 6Page - Microchip Technology TC4421AVAT Datasheet HTML 7Page - Microchip Technology TC4421AVAT Datasheet HTML 8Page - Microchip Technology TC4421AVAT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2005-2013 Microchip Technology Inc.
DS21946B-page 5
TC4421A/TC4422A
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 4.5V  VDD  18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Fall Time vs. Supply
Voltage.
FIGURE 2-4:
Fall Time vs. Capacitive
Load.
FIGURE 2-5:
Rise and Fall Times vs.
Temperature.
FIGURE 2-6:
Crossover Energy vs Supply
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
120
140
160
180
4
6
8
10
121416
18
Supply Voltage (V)
22,000 pF
10,000 pF
1,000 pF
100 pF
0
50
100
150
200
250
300
100
1000
10000
100000
Capacitive Load (pF)
5V
10V
15V
0
20
40
60
80
100
120
140
160
180
4
6
8
10
12
14
16
18
Supply Voltage (V)
22,000 pF
10,000 pF
1,000 pF
100 pF
0
50
100
150
200
250
300
100
1000
10000
100000
Capacitive Load (pF)
5V
15V
10V
20
25
30
35
40
45
50
55
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
tRISE
tFALL
VDD = 15V
1E-9
1E-8
1E-7
4
6
8
10
12
14
16
18
Supply Voltage (V)
10
-7
10
-8
10
-9


Numéro de pièce similaire - TC4421AVAT

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

Description similaire - TC4421AVAT

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com