Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4421AVAT Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce TC4421AVAT
Description  9A High-Speed MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4421AVAT Fiches technique(HTML) 4 Page - Microchip Technology

  TC4421AVAT Datasheet HTML 1Page - Microchip Technology TC4421AVAT Datasheet HTML 2Page - Microchip Technology TC4421AVAT Datasheet HTML 3Page - Microchip Technology TC4421AVAT Datasheet HTML 4Page - Microchip Technology TC4421AVAT Datasheet HTML 5Page - Microchip Technology TC4421AVAT Datasheet HTML 6Page - Microchip Technology TC4421AVAT Datasheet HTML 7Page - Microchip Technology TC4421AVAT Datasheet HTML 8Page - Microchip Technology TC4421AVAT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC4421A/TC4422A
DS21946B-page 4
 2005-2013 Microchip Technology Inc.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
 V
DD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
–10
+10
µA
0V
V
INVDD
Output
High Output Voltage
VOH
VDD – 0.025
V
DC Test
Low Output Voltage
VOL
——
0.025
V
DC Test
Output Resistance, High
ROH
——
2.0
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
——
1.6
IOUT = 10 mA, VDD = 18V
Switching Time (Note 1)
Rise Time
tR
—38
45
ns
Figure 4-1, CL = 10,000 pF
Fall Time
tF
—33
40
ns
Figure 4-1, CL = 10,000 pF
Propagation Delay Time
tD1
—50.4
60
ns
Figure 4-1, CL = 10,000 pF
Propagation Delay Time
tD2
—53
60
ns
Figure 4-1, CL = 10,000 pF
Power Supply
Power Supply Current
IS
200
500
µA
VIN = 3V
50
150
µA
VIN = 0V
Operating Input Voltage
VDD
4.5
18
V
Note 1:
Switching times ensured by design.
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 V
DD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (V)
TA
–40
+125
°C
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature Range
TA
–65
+150
°C
Package Thermal Resistances
Thermal Resistance, 5L-TO-220
JA
71
°C/W
Without heat sink
Thermal Resistance, 8L-6x5 DFN
JA
33.2
°C/W
Typical 4-layer board with
vias to ground plane
Thermal Resistance, 8L-PDIP
JA
—125
°C/W
Thermal Resistance, 8L-SOIC
JA
—155
°C/W


Numéro de pièce similaire - TC4421AVAT

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

Description similaire - TC4421AVAT

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com