Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD08PC104MAB3A Fiches technique(PDF) 1 Page - AVX Corporation

No de pièce LD08PC104MAB3A
Description  Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

LD08PC104MAB3A Fiches technique(HTML) 1 Page - AVX Corporation

  LD08PC104MAB3A Datasheet HTML 1Page - AVX Corporation LD08PC104MAB3A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
102
Tip & Ring Tin/Lead Termination “B”
Multilayer Ceramic Chip Capacitors
AVX Corporation will support customers for commercial and military Multilayer
Ceramic Capacitors with a termination consisting of 5% minimum lead. This
termination is indicated by the use of a “B” in the 12th position of the AVX
Catalog Part Number. This fulfills AVX’s commitment to providing a full range of
products to our customers. AVX has provided in the following pages, a full range
of values that we are offering in this “B” termination.
AVX “Tip & Ring” or “ring detector” Multilayer Ceramic Chip Capacitors are
designed as a standard telecom filter to block -48 Volts DC telephone line volt-
age and pass subscriber’s AC signal pulse (16 to 25Hz, 70 to 90 VRMS). The
typical ringing signal is seen on figure on page 103. The ringer capacitors
replace large leaded film capacitors and are ideal for telecom/modem applica-
tions. Using AVX “Tip and Ring” capacitors not only saves valuable real estate
on the board and reduces the weight of the overall product, but also features
standard surface mounting capabilities, so critical to new and compact designs.
The AVX “Tip & Ring” capacitors are offered in standard EIA sizes and
standard values. They offer excellent high frequency performance, low ESR
and improved temperature performance over film capacitors.
STYLE (SIZE)
LD05 (0805)
LD06 (1206)
LD10* (1210)
LD08* (1808)
LD12* (1812)
LD13* (1825)
LD20* (2220)
LD14* (2225)
(L) Length
2.01 ± 0.20
3.20 ± 0.20
3.2 ± 0.20
4.57 ± 0.25
4.50 ± 0.30
4.50 ± 0.30
5.60 ± 0.30
5.60 ± 0.25
(0.079 ± 0.008) (0.126 ± 0.008) (0.126 ± 0.008) (0.180 ± 0.010) (0.177 ± 0.012) (0.177 ± 0.012) (0.220 ± 0.012) (0.220 ± 0.010)
(W)Width
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
2.03 ± 0.25
3.2 ± 0.20
6.34 ± 0.30
5.10 ± 0.40
6.35 ± 0.25
(0.049 ± 0.008) (0.063 ± 0.008) (0.098 ± 0.008) (0.080 ± 0.010) (0.126 ± 0.008) (0.252 ± 0.012) (0.200 ± 0.016) (0.250 ± 0.010)
(T) Thickness
1.30 max.
1.50 max.
1.78 max.
1.78 max.
2.00 max.
2.00max.
2.00 max.
2.00 max.
(0.051 max.)
(0.059 max.)
(0.070 max.)
(0.070 max.)
(0.080 max.)
(0.080 max.)
(0.080 max.)
(0.080 max.)
(t) terminal
0.50 ± 0.25
0.50 ± 0.25
0.50 ± 0.25
0.63 ± 0.38
0.63 ± 0.38
0.63 ± 0.38
0.63 ± 0.38
0.63 ± 0.38
(0.020 ± 0.010) (0.020 ± 0.010) (0.020 ± 0.010) (0.025 ± 0.015) (0.025 ± 0.015) (0.025 ± 0.015) (0.025 ± 0.015) (0.025 ± 0.015)
DIMENSIONS
millimeters (inches)
*Reflow Soldering Only
W
L
T
t
HOW TO ORDER
LD12
AVX
Style
LD05 - 0805
LD06 - 1206
LD10 - 1210
LD08 - 1808
LD12 - 1812
LD13 - 1825
LD20 - 2220
LD14 - 2225
C
Temperature
Coefficient
X7R
104
Capacitance Code
(2 significant digits
+ no. of zeros)
Examples:
1,000 pF = 102
22,000 pF = 223
220,000 pF = 224
1 μF = 105
K
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Test
Level
A = Standard
1
Packaging
1 = 7" Reel
3 = 13" Reel
9 = Bulk
A
Special Code
A = Standard
P
Voltage
250 VDC
Telco
Rating
B
Termination
B = 5% Min Pb
X = FLEXITERM®
5% min. Pb
Contact factory for availability of Termination and Tolerance options for Specific Part Numbers.


Numéro de pièce similaire - LD08PC104MAB3A

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
LD08 GULFSEMI-LD08 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
AVX Corporation
LD08 AVX-LD08 Datasheet
52Kb / 2P
   High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
More results

Description similaire - LD08PC104MAB3A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S43W474MV4E JOHANSON-251S43W474MV4E Datasheet
74Kb / 3P
   TIP & RING CHIP CAPACITORS
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
F9033 KEMET-F9033 Datasheet
104Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
MERITEK ELECTRONICS COR...
ST0805XR104K101 MERITEK-ST0805XR104K101 Datasheet
1Mb / 10P
   Soft Termination Multilayer Ceramic Chip Capacitors
logo
AVX Corporation
LD05-40 AVX-LD05-40 Datasheet
52Kb / 2P
   High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
Vishay Siliconix
VJ32MLCCS VISHAY-VJ32MLCCS Datasheet
168Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors With Lead-Bearing Finish Termination
01-Jan-2023
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
   Tip & Ring
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com