Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854BQG3 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce UC2854BQG3
Description  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2854BQG3 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button UC2854BQG3 Datasheet HTML 5Page - Texas Instruments UC2854BQG3 Datasheet HTML 6Page - Texas Instruments UC2854BQG3 Datasheet HTML 7Page - Texas Instruments UC2854BQG3 Datasheet HTML 8Page - Texas Instruments UC2854BQG3 Datasheet HTML 9Page - Texas Instruments UC2854BQG3 Datasheet HTML 10Page - Texas Instruments UC2854BQG3 Datasheet HTML 11Page - Texas Instruments UC2854BQG3 Datasheet HTML 12Page - Texas Instruments UC2854BQG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
Voltage Amplifier
Current Amplifier
Miscellaneous
UC1854A
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329E – MONTH 2003 – REVISED JANUARY 2008
The UC3854A/B voltage amplifier design is essentially similar to the UC3854 with two exceptions. The first is
with the internal connection. The lower voltage reduces the amount of charge on the compensation capacitors,
which provides improved recovery form large signal events, such as line dropouts, or power interruption. It also
minimizes the dc current flowing through the feedback. The output of the voltage amplifier is also changed. In
addition to a 6.0-V temperature compensated clamp, the output short circuit current has been lowered to 2 mA
typical, and an active pull down has replaced the passive pull down of the UC3854.
The current amplifier for an average current PFC controller needs a low offset voltage in order to minimize ac line
current distortion. With this in mind, the UC3854A/B current amplifier has improved the input offset voltage from
±4 mV to 0 V to ±3 mV. The negative offset of the UC3854A/B assures that the PWM circuit will not drive the
MOSFET is the current command is zero (both current amplifier inputs zero.) Previous designs required an
external offset cancellation network to implement this key feature. The bandwidth of the current amplifier has
been improved as well to 5 MHz typical. While this is not generally an issue at 50 Hz or 60 Hz inputs, it is
essential for 400 Hz input avionics applications.
Several other important enhancements have been implemented in the UC3854A/B. AVCC supply voltage clamp at
20 V allows the controller to be current fed if desired. The lower startup supply current (250
µA typical),
substantially reduces the power requirements of an offline startup resistor. The 10.5 V/10 V UVLO option
(UC3854B) enables the controller to be powered off of an auxiliary 12-V supply.
The VREF GOOD comparator assures that the MOSFET driver output remains low if the supply of the 7.5 V
reference are not yet up. This improvement eliminates the need for external Schottky diodes on the PKLMT and
Mult Out pins that some UC3854 designs require. The propagation delay of the disable feature has been
improved to 300 ns typical. This delay was proportional to the size of the VREF capacitor on the UC3854, and is
typically several orders of magnitude slower.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B


Numéro de pièce similaire - UC2854BQG3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854BQ TI-UC2854BQ Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854BQ TI1-UC2854BQ Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

Description similaire - UC2854BQG3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com