Moteur de recherche de fiches techniques de composants électroniques |
|
UC2854ADW Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
UC2854ADW Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 18 page www.ti.com 0 −20 40 20 60 80 100 120 100 1000 10 k 100 k 1 M 10 M VOLTAGE AMPLIFIER GAIN vs FREQUENCY GAIN PHASE f − Frequency − Hz 0 −20 40 20 60 80 100 120 10 k −60 100 k −40 0 20 60 80 100 120 1 M 10 M −20 40 140 CURRENT AMPLIFIER GAIN vs FREQUENCY GAIN fCO = 5.992 MHz f − Frequency − Hz PHASE −90 −45 −0 OSCILLATOR FREQUENCY vs LIMIT SET RESISTANCE AND TIMING CAPACITANCE RSET − Multiplier Limit Set Resistance − kΩ 1 0 10 100 10 100 1 k 10 nF 5 nF 2 nF 3 nF 1 nF 500 pF 200 pF 100 pF UC1854A UC2854A, UC2854B UC3854A, UC3854B SLUS329E – MONTH 2003 – REVISED JANUARY 2008 TYPICAL CHARACTERISTICS (continued) Figure 5. Figure 6. Figure 7. Copyright © 2003–2008, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B |
Numéro de pièce similaire - UC2854ADW |
|
Description similaire - UC2854ADW |