Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS2670 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FDS2670
Description  200V N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS2670 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FDS2670 Datasheet HTML 1Page - Fairchild Semiconductor FDS2670 Datasheet HTML 2Page - Fairchild Semiconductor FDS2670 Datasheet HTML 3Page - Fairchild Semiconductor FDS2670 Datasheet HTML 4Page - Fairchild Semiconductor FDS2670 Datasheet HTML 5Page - Fairchild Semiconductor FDS2670 Datasheet HTML 6Page - Fairchild Semiconductor FDS2670 Datasheet HTML 7Page - Fairchild Semiconductor FDS2670 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SOIC(8lds) Packaging
Configuration: Figure 1.0
Components
Leader Tape
1680mm minimum or
210 empty pockets
Trailer Tape
640mm minimum or
80 empty pockets
SOIC(8lds) Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SOIC (8lds) Packaging Information
Standard
(no flow code)
L86Z
F011
Packaging type
Reel Size
TNR
13" Dia
Rail/Tube
-
TNR
13" Dia
Qty per Reel/Tube/Bag
2,500
95
4,000
Box Dimension (mm)
343x64x343
530x130x83
343x64x343
Max qty per Box
5,000
30,000
8,000
D84Z
TNR
7" Dia
500
184x187x47
1,000
Weight per unit (gm)
0.0774
0.0774
0.0774
0.0774
Weight per Reel (kg)
0.6060
-
0.9696
0.1182
F63TN Label
ESD Label
343mm x 342mm x 64mm
Standard Intermediate box
ESD Label
F63TNR Label sample
F63TNLabel
LOT: CBVK741B019
FSID: FDS9953A
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 2500
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
F852
NDS
9959
SOIC-8 Unit Orientation
Pin 1
Static Dissipative
Embossed Carrier Tape
F63TNR
Label
Antistatic Cover Tape
ESD Label
EL ECTRO STATIC
SEN SIT IVE DEVI CES
DO NO T SHI P OR STO RE N EAR ST RO NG EL ECT ROST AT IC
EL ECT RO M AGN ETI C, M AG NET IC O R R ADIO ACT IVE FI ELD S
TNR DATE
PT NUMB ER
PEEL STREN GTH MIN ___ __ ____ __ ___gms
MAX ___ ___ ___ ___ _ gms
Customized
Label
Packaging Description:
SOIC-8 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
2,500 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 500 units per 7" or
177cm diameter reel. This and some other options are
further described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains two reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SO-8 Tape and Reel Data and Package Dimensions
July 1999, Rev. B


Numéro de pièce similaire - FDS2670

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS2670 FAIRCHILD-FDS2670 Datasheet
107Kb / 6P
   200V N-Channel PowerTrench MOSFET
FDS2670 FAIRCHILD-FDS2670 Datasheet
85Kb / 12P
   Power Converter Topology and MOSFET Selection for 48-V Telecom
FDS2670 FAIRCHILD-FDS2670_01 Datasheet
107Kb / 6P
   200V N-Channel PowerTrench MOSFET
More results

Description similaire - FDS2670

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC2612 FAIRCHILD-FDC2612 Datasheet
201Kb / 5P
   200V N-Channel PowerTrench MOSFET
logo
Kersemi Electronic Co.,...
KSM2614 KERSEMI-KSM2614 Datasheet
1Mb / 7P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDP2670 FAIRCHILD-FDP2670 Datasheet
83Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
   200V N-Channel PowerTrench??MOSFET
logo
Guangdong Kexin Industr...
KDB2670 KEXIN-KDB2670 Datasheet
51Kb / 2P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD2612 FAIRCHILD-FDD2612 Datasheet
110Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDB2614 FAIRCHILD-FDB2614 Datasheet
759Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDP2614 FAIRCHILD-FDP2614 Datasheet
349Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2670 FAIRCHILD-FDD2670 Datasheet
95Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N7 FAIRCHILD-FDS2170N7 Datasheet
209Kb / 6P
   200V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com