Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA9638CP Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce UA9638CP
Description  DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UA9638CP Fiches technique(HTML) 3 Page - Texas Instruments

  UA9638CP Datasheet HTML 1Page - Texas Instruments UA9638CP Datasheet HTML 2Page - Texas Instruments UA9638CP Datasheet HTML 3Page - Texas Instruments UA9638CP Datasheet HTML 4Page - Texas Instruments UA9638CP Datasheet HTML 5Page - Texas Instruments UA9638CP Datasheet HTML 6Page - Texas Instruments UA9638CP Datasheet HTML 7Page - Texas Instruments UA9638CP Datasheet HTML 8Page - Texas Instruments UA9638CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
uA9638C
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SLLS112C − OCTOBER 1980 − REVISED APRIL 1994
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
VCC = 4.75 V,
II = − 18 mA
−1
− 1.2
V
V
High level output voltage
VCC = 4.75 V,
VIH = 2 V,
IOH = − 10 mA
2.5
3.5
V
VOH
High-level output voltage
VCC = 4.75 V,
VIL = 0.8 V
VIH = 2 V,
IOH = − 40 mA
2
V
V
Low level output voltage
VCC = 4.75 V,
VIH = 2 V,
VIL = 0.8 V,
05
V
VOL
Low-level output voltage
VCC = 4.75 V,
IOL = 40 mA
VIH = 2 V,
VIL = 0.8 V,
0.5
V
|VOD1|
Magnitude of differential output voltage
VCC = 5.25 V,
IO = 0
2VOD2
V
|VOD2|
Magnitude of differential output voltage
2
V
Δ|V |
Change in magnitude of differential
±04
V
Δ|VOD|
Change in magnitude of differential
output voltage
VCC = 4.75 V to 5.25 V,
RL = 100 Ω,
±0.4
V
VOC
Common-mode output voltage§
VCC = 4.75 V to 5.25 V,
See Figure 1
RL = 100 Ω,
3
V
Δ|V |
Change in magnitude of common-mode
±04
V
Δ|VOC|
Change in magnitude of common-mode
output voltage
±0.4
V
VO = 6 V
0.1
100
IO
Output current with power off
VCC = 0
VO = − 0.25 V
− 0.1
− 100
μA
IO
Output current with power off
VCC 0
VO = − 0.25 V to 6 V
±100
μA
II
Input current
VCC = 5.25 V,
VI = 5.5 V
50
μA
IIH
High-level input current
VCC = 5.25 V,
VI = 2.7 V
25
μA
IIL
Low-level input current
VCC = 5.25 V,
VI = 0.5 V
− 200
μA
IOS
Short-circuit output current
VCC = 5.25 V,
VO = 0
−50
− 150
mA
ICC
Supply current (both drivers)
VCC = 5.25 V,
No load,
All inputs at 0 V
45
65
mA
All typical values are at VCC = 5 V and TA = 25°C.
Δ| VOD | and Δ| VOC | are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a
low level or vice versa.
§ In Standard EIA-422-A, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage, VOS.
Only one output at a time should be shorted, and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD)
Differential output delay time
C
15 pF
R
100
Ω
See Figure 2
10
20
ns
tt(OD)
Differential output transition time
CL = 15 pF,
RL = 100 Ω,
See Figure 2
10
20
ns
tsk(o)
Output skew
See Figure 2
1
ns


Numéro de pièce similaire - UA9638CP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA9638CP TI-UA9638CP Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results

Description similaire - UA9638CP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com