Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U.FL-LP-088 Fiches technique(PDF) 1 Page - Hirose Electric

No de pièce U.FL-LP-088
Description  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-LP-088 Fiches technique(HTML) 1 Page - Hirose Electric

  U.FL-LP-088 Datasheet HTML 1Page - Hirose Electric U.FL-LP-088 Datasheet HTML 2Page - Hirose Electric U.FL-LP-088 Datasheet HTML 3Page - Hirose Electric U.FL-LP-088 Datasheet HTML 4Page - Hirose Electric U.FL-LP-088 Datasheet HTML 5Page - Hirose Electric U.FL-LP-088 Datasheet HTML 6Page - Hirose Electric U.FL-LP-088 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL Series
2004.2
U.FL-LP(V)-040
U.FL-LP-040
U.FL-LP-066
E.FL-LP-040
E.FL-LP-066
U.FL
E.FL
U.FL-LP-040
Plug
Plug
Plug
Plug
Plug
Cable
Cable
Cable
Cable
Cable
U.FL-LP-066
U.FL-LP(V)-040
U.FL-LP-062
U.FL-LP-088
U.FL-R-SMT
Receptacle
U.FL-R-SMT
Receptacle
U.FL-R-SMT
Receptacle
U.FL-R-SMT
Receptacle
U.FL-R-SMT
Receptacle
Dia.0.81
Dia.1.32
Dia.1.13
Dia.0.81
Dia.1.00
Dia.1.37
sFeatures
1.Extremely Small Occupied Mounting Area
Reduced board space requirement by 18% to 7.7mm2, when
compared with Hirose’s E.FL connectors.
2.Light Weight
One of the world’s lightest coaxial connectors.
Receptacle: 15.7mg
3.Frequencies of Up to 6GHz
To meet the frequency requirements of a wide variety of
miniature equipment, these connectors offer high frequency
performance from DC to 6 GHz.
4.Board Placement with Automatic Equipment
Supplied on tape-and-reel packaging.
5.Use of Ultra-fine Teflon Cable
Several of ultra-fine single and double shielded Teflon®
coaxial cables terminate to U.FL plug.
6. Simple Disconnection
Dedicated tool allows reliable un-mating of the plug.
7.User Friendly Mating Operation
Tactile lock feeling ensures and confirms reliable connection.
sApplications
Mobile phones, Wireless LAN, Mini-PCI, Bluetooth, PDA, GPS,
electronic measuring instruments, etc.
*Teflon is a registered trademark of DuPont.
Mated Height Comparison
(With E.FL series)
qSpace Factor of Mated Connector
Up to 6GHz Transmission Speed
NEW
NEW
NEW
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Numéro de pièce similaire - U.FL-LP-088

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
U.FL-LP-088 HIROSE-U.FL-LP-088 Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-088N1T-A-L HIROSE-U.FL-LP-088N1T-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP-088N2T-A-L HIROSE-U.FL-LP-088N2T-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
More results

Description similaire - U.FL-LP-088

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com