Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9517ADGKR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9517ADGKR
Description  LEVEL-TRANSLATING I2C BUS REPEATER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9517ADGKR Fiches technique(HTML) 1 Page - Texas Instruments

  TCA9517ADGKR Datasheet HTML 1Page - Texas Instruments TCA9517ADGKR Datasheet HTML 2Page - Texas Instruments TCA9517ADGKR Datasheet HTML 3Page - Texas Instruments TCA9517ADGKR Datasheet HTML 4Page - Texas Instruments TCA9517ADGKR Datasheet HTML 5Page - Texas Instruments TCA9517ADGKR Datasheet HTML 6Page - Texas Instruments TCA9517ADGKR Datasheet HTML 7Page - Texas Instruments TCA9517ADGKR Datasheet HTML 8Page - Texas Instruments TCA9517ADGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DGK PACKAGE
(TOP VIEW)
1
8
V
CCA
V
CCB
4
5
GND
EN
3
6
SDAA
SDAB
2
7
SCLA
SCLB
TCA9517A
www.ti.com
SCPS245A – DECEMBER 2012 – REVISED APRIL 2013
LEVEL-TRANSLATING I2C BUS REPEATER
Check for Samples: TCA9517A
1
FEATURES
Two-Channel Bidirectional Buffer
Mixed-Mode Signal Operation
I2C Bus and SMBus Compatible
Lockup-Free Operation
Operating Supply Voltage Range of
Accommodates Standard Mode and Fast Mode
0.9 V to 5.5 V on A Side
I2C Devices and Multiple Masters
Operating Supply Voltage Range of
Powered-Off High-Impedance I2C Pins
2.7 V to 5.5 V on B Side
400-kHz Fast I2C Bus
Voltage-Level Translation From 0.9 V to 5.5 V
Latch-Up Performance Exceeds 100 mA Per
and 2.7 V to 5.5 V
JESD 78, Class II
Footprint and Function Replacement for
ESD Protection Exceeds JESD 22
PCA9515B
5500-V Human-Body Model (A114-A)
Active-High Repeater-Enable Input
200-V Machine Model (A115-A)
Open-Drain I2C I/O
1000-V Charged-Device Model (C101)
5.5-V Tolerant I2C and Enable Input Support
DESCRIPTION/ORDERING INFORMATION
This dual bidirectional I2C buffer is operational at 2.7 V to 5.5 V.
The TCA9517A is a BiCMOS integrated circuit intended for I2C bus and SMBus systems. It can provide
bidirectional voltage-level translation (up-translation/down-translation) between low voltages (down to 0.9 V) and
higher voltages (2.7 V to 5.5 V) in mixed-mode applications. This device enables I2C and similar bus systems to
be extended, without degradation of performance even during level shifting.
The TCA9517A buffers both the serial data (SDA) and the serial clock (SCL) signals on the I2C bus, thus
allowing two buses of 400-pF bus capacitance to be connected in an I2C application. This device can also be
used to isolate two halves of a bus for voltage and capacitance.
The TCA9517A has two types of drivers—A-side drivers and B-side drivers. All inputs and I/Os are overvoltage
tolerant to 5.5 V, even when the device is unpowered (VCCB and/or VCCA = 0 V).
The TCA9517A offers a higher contention level threshold, VILC, than the TCA9517 and can be used in
applications where a larger input logic low is required on the B-side.
ORDERING INFORMATION
TA
PACKAGES(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
VSSOP – DGK
Tape and reel
TCA9517ADGKR
BSK
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TCA9517ADGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517-Q1 TI1-TCA9517-Q1 Datasheet
346Kb / 22P
[Old version datasheet]   Level-Shifting I2C Bus Repeater
TCA9517DGKR TI-TCA9517DGKR Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517DGKRQ1 TI1-TCA9517DGKRQ1 Datasheet
346Kb / 22P
[Old version datasheet]   Level-Shifting I2C Bus Repeater
TCA9517DGKRQ1 TI-TCA9517DGKRQ1 Datasheet
6Mb / 33P
[Old version datasheet]   TPS38700Q1EVM Voltage Sequencer
REVISED APRIL 2022
More results

Description similaire - TCA9517ADGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
   Level translating I2C-bus repeater
Rev. 02-5 May 2008
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com