Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2114KT146W Fiches technique(PDF) 1 Page - Rohm

No de pièce 2SD2114KT146W
Description  High-current Gain Medium Power Transistor (20V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SD2114KT146W Fiches technique(HTML) 1 Page - Rohm

  2SD2114KT146W Datasheet HTML 1Page - Rohm 2SD2114KT146W Datasheet HTML 2Page - Rohm 2SD2114KT146W Datasheet HTML 3Page - Rohm 2SD2114KT146W Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.01 - Rev.C
2SD2114K
0
∼0.1
1.1
0.8
±0.1
0.15
0.4
2.9
±0.2
1.9
±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
(1) Emitter
(2) Base
(3) Collector
ROHM : SMT3
EIAJ : SC-59
Abbreviated symbol: BB
All terminals have same dimensions
Denotes hFE
High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114K
Features
Dimensions (Unit : mm)
1) High DC current gain.
hFE = 1200 (Typ.)
2) High emitter-base voltage.
VEBO =12V (Min.)
3) Low VCE (sat).
VCE (sat) = 0.18V (Typ.)
(IC / IB = 500mA / 20mA)
Structure
Epitaxial planar type
NPN silicon transistor
Absolute maximum ratings (Ta=25
C)
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
25
V
V
V
A(DC)
W
°C
°C
20
12
0.5
A(Pulse)
1
0.2
150
−55 to +150
Symbol
Limits
Unit
Single pulse Pw=100ms
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
Min.
25
20
12
0.18
350
8.0
0.5
0.5
0.4
V
IC
=10μA
IC
=1mA
IE
=10μA
VCB
=20V
VEB
=10V
IC/IB
=500mA/20mA
VCE
=10V, IE= −50mA, f=100MHz
VCB
=10V, IE=0A, f=1MHz
V
V
μA
μA
hFE
820
2700
VCE
=3V, IC=10mA
V
MHz
pF
Ron
0.8
IB
=1mA, Vi=100mV(rms), f=1kHz
Ω
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Output On-resistance
Measured using pulse current


Numéro de pièce similaire - 2SD2114KT146W

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD2114KT146V ROHM-2SD2114KT146V Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
More results

Description similaire - 2SD2114KT146W

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD2144STPU ROHM-2SD2144STPU Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146V ROHM-2SD2114KT146V Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K_1 Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KS ROHM-2SD2114KS Datasheet
96Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
logo
List of Unclassifed Man...
2SD2144 ETC-2SD2144 Datasheet
132Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A) 2SD2114K / 2SD2144S
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
132Kb / 4P
   High-current Gain MediumPower Transistor (20V, 0.5A)
logo
Diodes Incorporated
ZXTP25020DG DIODES-ZXTP25020DG_15 Datasheet
581Kb / 7P
   20V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Rohm
2SD2114K ROHM-2SD2114K_12 Datasheet
164Kb / 4P
   High-current Gain Medium Power Transistor
logo
Diodes Incorporated
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
   20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
logo
SeCoS Halbleitertechnol...
PZT987A SECOS-PZT987A_15 Datasheet
1Mb / 2P
   Medium Power High Gain Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com