Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845BNG Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce UC2845BNG
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC2845BNG Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button UC2845BNG Datasheet HTML 7Page - ON Semiconductor UC2845BNG Datasheet HTML 8Page - ON Semiconductor UC2845BNG Datasheet HTML 9Page - ON Semiconductor UC2845BNG Datasheet HTML 10Page - ON Semiconductor UC2845BNG Datasheet HTML 11Page - ON Semiconductor UC2845BNG Datasheet HTML 12Page - ON Semiconductor UC2845BNG Datasheet HTML 13Page - ON Semiconductor UC2845BNG Datasheet HTML 14Page - ON Semiconductor UC2845BNG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
11
Figure 24. Current Waveform Spike Suppression
+
-
5.0V Ref
+
-
S
R
Q
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
C
R
The addition of the RC filter will eliminate
instability caused by the leading edge spike
on the current waveform.
7(12)
Comp/Latch
T
Figure 25. MOSFET Parasitic Oscillations
Figure 26. Bipolar Transistor Drive
+
-
S
R
5.0V Ref
Q
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
Series gate resistor Rg will damp any high frequency
parasitic oscillations caused by the MOSFET input
capacitance and any series wiring inductance in the
gate-source circuit.
6(10)
5(8)
3(5)
RS
Q1
Vin
C1
Base Charge
Removal
The totem pole output can furnish negative base current
for enhanced transistor turn-off, with the addition of
capacitor C1.
IB
+
-
0
7(12)
Rg
Comp/Latch
T
+
-


Numéro de pièce similaire - UC2845BNG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UC2845BN STMICROELECTRONICS-UC2845BN Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2845BN STMICROELECTRONICS-UC2845BN Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2845BN STMICROELECTRONICS-UC2845BN Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2845BNG

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com