Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2901DTBR2G Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LM2901DTBR2G
Description  Single Supply Quad Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2901DTBR2G Fiches technique(HTML) 4 Page - ON Semiconductor

  LM2901DTBR2G Datasheet HTML 1Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 2Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 3Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 4Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 5Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 6Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 7Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 8Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
4
PERFORMANCE CHARACTERISTICS (VCC = +5.0 Vdc, TA = Tlow to Thigh [Note 7])
Characteristic
Symbol
LM239/339
LM2901/2901V/
NCV2901
MC3302
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage (Note 8)
VIO
±9.0
±15
±40
mVdc
Input Bias Current (Notes 8, 9)
IIB
400
500
1000
nA
(Output in Analog Range)
Input Offset Current (Note 8)
IIO
±150
±200
±300
nA
Input Common Mode Voltage Range
VICMR
0
VCC
−2.0
0
VCC
−2.0
0
VCC
−2.0
V
Saturation Voltage
Vsat
700
700
700
mV
VI(−) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
1.0
1.0
1.0
mA
VI(+) ≥ +1.0 Vdc, VI(−) = 0,
VO = 30 Vdc
Differential Input Voltage
VID
VCC
VCC
VCC
Vdc
All VI ≥ 0 Vdc
7. (LM239) Tlow = −25°C, Thigh = +85°
(LM339) Tlow = 0°C, Thigh = +70°C
(MC3302) Tlow = −40°C, Thigh = +85°C
(LM2901) Tlow = −40°C, Thigh = +105°
(LM2901V & NCV2901) Tlow = −40°C, Thigh = +125°C
NCV2901 is qualified for automotive use.
8. At the output switch point, VO ] 1.4 Vdc, RS ≤ 100 W 5.0 Vdc ≤ VCC ≤ 30 Vdc, with the inputs over the full common mode range
(0 Vdc to VCC −1.5 Vdc).
9. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state.
10.The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical.
Figure 2. Inverting Comparator
with Hysteresis
Figure 3. Noninverting Comparator
with Hysteresis
Vref =
VCC R1
Rref + R1
R2
[ R1 / / Rref
Amount of Hysteresis VH
VH =
R2
R2 + R3
[(VO(max) - VO(min)]
Vref [
VCC R1
Rref + R1
R3
] R1 / / Rref / / R2
VH =
R1 / / Rref
R1/ / Rref + R2
[VO(max) - VO(min)]
R2
Rref / / R1
+ VCC
Vin
Vref
+ VCC
+ VCC
Vin
Vref
Rref
Rref
-
+
-
+
VO
VO
10k
R1
R2
R3
10 k
1.0 M
R3
R2
1.0 M
10 k
R1
10 k
10 k


Numéro de pièce similaire - LM2901DTBR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM2901DTBR2G ONSEMI-LM2901DTBR2G Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
LM2901DTBR2G ONSEMI-LM2901DTBR2G Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results

Description similaire - LM2901DTBR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com