Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADRF6518-EVALZ Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADRF6518-EVALZ
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADRF6518-EVALZ Fiches technique(HTML) 5 Page - Analog Devices

  ADRF6518-EVALZ Datasheet HTML 1Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 2Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 3Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 4Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Preliminary Technical Data
ADRF6518
Rev. PrA | Page 5 of 36
TIMING DIAGRAMS
Figure 2. Write Mode Timing Diagram
Figure 3. Read Mode Timing Diagram
WRITE BIT
MSB - 2
B2
LSB
tDS
tDH
tLH
tLS
tPW
tCLK
NOTES
1. THE FIRST DATA BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL 8-BIT REGISTER. FOR A WRITE
OPERATION, THE FIRST BIT SHOULD BE A LOGIC 1. THE 8-BIT WORD IS THEN WRITTEN TO THE DATA PIN ON CONSECUTIVE RISING
EDGES OF THE CLOCK.
CLK
LE
DATA
B3
B7
MSB
B4
B5
B6
DON’T CARE
DON’T CARE
READ BIT
DON’T CARE DON’T CARE DON’T CARE DON’T CARE
DON'T CARE
B2
LSB
CLK
LE
DATA
SDO
NOTES
1. THE FIRST DATA BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL 8-BIT REGISTER. FOR A READ
OPERATION, THE FIRST BIT SHOULD BE A LOGIC 0. THE 8-BIT WORD IS THEN REGISTERED AT THE SDO PIN ON CONSECUTIVE FALLING EDGES
OF THE CLOCK.
B3
B4
B5
B6
B7
MSB
DON’T CARE
DON’T CARE
tDS
tDH
tLH
tLS
tPW
tCLK
tD


Numéro de pièce similaire - ADRF6518-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADRF6518-EVALZ AD-ADRF6518-EVALZ Datasheet
1Mb / 39P
   1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
More results

Description similaire - ADRF6518-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
   30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
ADRF6518 AD-ADRF6518_17 Datasheet
1Mb / 39P
   1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
logo
Texas Instruments
THS7001 TI-THS7001 Datasheet
597Kb / 32P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
   DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
ADRF6516 AD-ADRF6516 Datasheet
1Mb / 32P
   31 MHz, Dual Programmable Filters
REV. B
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com