Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXYK120N120C3 Fiches technique(PDF) 5 Page - IXYS Corporation

No de pièce IXYK120N120C3
Description  1200V XPTTM IGBTs GenX3TM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYK120N120C3 Fiches technique(HTML) 5 Page - IXYS Corporation

  IXYK120N120C3 Datasheet HTML 1Page - IXYS Corporation IXYK120N120C3 Datasheet HTML 2Page - IXYS Corporation IXYK120N120C3 Datasheet HTML 3Page - IXYS Corporation IXYK120N120C3 Datasheet HTML 4Page - IXYS Corporation IXYK120N120C3 Datasheet HTML 5Page - IXYS Corporation IXYK120N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYK120N120C3
IXYX120N120C3
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
0
1
2
3
4
5
6
7
8
9
12
34
56
78
9
10
RG - Ohms
4
5
6
7
8
9
10
11
12
13
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 600V
I C = 50A
I C = 100A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
60
80
100
120
140
160
180
200
12345
6789
10
RG - Ohms
100
200
300
400
500
600
700
800
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 600V
I C = 100A
I C = 50A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
1
2
3
4
5
6
7
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
1
3
5
7
9
11
13
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 600V
TJ = 150ºC
TJ = 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
1
2
3
4
5
6
7
8
25
50
75
100
125
150
TJ - Degrees Centigrade
0
2
4
6
8
10
12
14
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 600V
I C = 50A
I C = 100A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
60
80
100
120
140
160
180
200
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
140
160
180
200
220
240
260
280
t f i
td(off) - - - -
RG = 1, VGE = 15V
VCE = 600V
TJ = 150ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
70
80
90
100
110
120
130
140
150
25
50
75
100
125
150
TJ - Degrees Centigrade
120
140
160
180
200
220
240
260
280
t f i
td(off) - - - -
RG = 1, VGE = 15V
VCE = 600V
I C = 100A
I C = 50A


Numéro de pièce similaire - IXYK120N120C3

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYK120N120C3 IXYS-IXYK120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
More results

Description similaire - IXYK120N120C3

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
IXYB82N120C3H1 IXYS-IXYB82N120C3H1 Datasheet
222Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYK100N120C3 IXYS-IXYK100N120C3 Datasheet
208Kb / 6P
   1200V XPTTM IGBTs GenX3
IXYN100N120C3H1 IXYS-IXYN100N120C3H1 Datasheet
187Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYH40N120B3D1 IXYS-IXYH40N120B3D1 Datasheet
193Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYR50N120C3D1 IXYS-IXYR50N120C3D1 Datasheet
197Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXGK320N60A3 IXYS-IXGK320N60A3 Datasheet
207Kb / 5P
   GenX3TM 600V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXK100N60C3H1 IXYS-IXXK100N60C3H1 Datasheet
248Kb / 7P
   XPTTM 600V GenX3TM w/ Diode
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com