Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDG6323 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDG6323
Description  Integrated Load Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6323 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDG6323 Datasheet HTML 1Page - Fairchild Semiconductor FDG6323 Datasheet HTML 2Page - Fairchild Semiconductor FDG6323 Datasheet HTML 3Page - Fairchild Semiconductor FDG6323 Datasheet HTML 4Page - Fairchild Semiconductor FDG6323 Datasheet HTML 5Page - Fairchild Semiconductor FDG6323 Datasheet HTML 6Page - Fairchild Semiconductor FDG6323 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
March 1999
FDG6323L
Integrated Load Switch
General Description
Features
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
FDG6323L
Units
V
IN
Input Voltage Range
2.5 - 8
V
V
ON/OFF
On/Off Voltage Range
1.5 - 8
V
I
L
Load Current
- Continuous (Note 1)
0.6
A
- Pulsed
(Note 1 & 3)
1.8
P
D
Maximum Power Dissipation
(Note 2)
0.3
W
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
ESD
Electrostatic Discharge Rating MIL-STD-883D Human Body
Model (100pf/1500Ohm)
6
kV
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 2)
415
°C/W
FDG6323L Rev.C
This device is particularly suited for compact
power
management
in
portable
electronic
equipment
where 2.5V to 8V input and 0.6A
output current capability are needed. This load
switch
integrates
a
small
N-Channel power
MOSFET (Q1) which drives a large P-Channel
power
MOSFET
(Q2)
in
one
tiny
SC70-6
package.
V
DROP=0.2V @ VIN=5V, IL=0.36A. R(ON) = 0.55
V
DROP=0.2V @ VIN=2.5V, IL=0.27A. R(ON) = 0.75Ω.
Very small package outline SC70-6.
Control MOSFET (Q1) includes Zener protection for ESD
ruggedness
(>6KV Human Body Model).
High density cell design for extremely low
on-resistance.
Compact industry standard SC70-6 surface mount package.
See Application Circuit
1
5
6
3
2
Q2
Q1
4
V
, C
OUT
1
R2
V
, R
IN
1
ON/OFF
V
R , C1
1
V
, C
OUT
1
IN
OUT
ON/OFF
EQUIVALENT APPLICATION
VDROP
+
-
SOT-23
SuperSOT
TM-8
SO-8
SOT-223
SC70-6
SuperSOT
TM-6
SC70-6
pin 1
.23
© 1999 Fairchild Semiconductor Corporation


Numéro de pièce similaire - FDG6323

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDG6321 FAIRCHILD-FDG6321 Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
logo
VBsemi Electronics Co.,...
FDG6321C VBSEMI-FDG6321C Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
More results

Description similaire - FDG6323

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com