Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8812DB Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce SI8812DB
Description  N-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8812DB Fiches technique(HTML) 7 Page - Vishay Siliconix

  SI8812DB Datasheet HTML 1Page - Vishay Siliconix SI8812DB Datasheet HTML 2Page - Vishay Siliconix SI8812DB Datasheet HTML 3Page - Vishay Siliconix SI8812DB Datasheet HTML 4Page - Vishay Siliconix SI8812DB Datasheet HTML 5Page - Vishay Siliconix SI8812DB Datasheet HTML 6Page - Vishay Siliconix SI8812DB Datasheet HTML 7Page - Vishay Siliconix SI8812DB Datasheet HTML 8Page - Vishay Siliconix SI8812DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 63682
S12-2050-Rev. A, 27-Aug-12
www.vishay.com
7
Vishay Siliconix
Si8812DB
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
PACKAGE OUTLINE
MICRO FOOT 0.8 mm x 0.8 mm: 4-BUMP (2 x 2, 0.4 mm PITCH)
Notes (Unless otherwise specified):
1. All dimensions are in millimeters.
2. Four (4) solder bumps are lead (Pb)-free 95.5Sn/3.5Ag/0.7Cu with diameter Ø
0.165 mm to Ø 0.185 mm.
3. Backside surface is coated with a Ti/Ni/Ag layer.
4. Non-solder mask defined copper landing pad.
5.
·is location of pin 1.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?63682.
4 x Ø b
s
D
e
AG
Mark on Backside of die
S
G
D
S
xxx
3
4
1
2
e
4 x Ø 0.205 to 0.225 Note 4
Solder Mask ~ Ø 0.215
Recommended Land
Dim.
Millimetersa
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.314
0.357
0.400
0.0124
0.0141
0.0157
A1
0.127
0.157
0.187
0.0050
0.0062
0.0074
A2
0.187
0.200
0.213
0.0074
0.0079
0.0084
b
0.165
0.175
0.185
0.0064
0.0068
0.0072
e
0.400
0.0157
s
0.180
0.200
0.220
0.0070
0.0078
0.0086
D
0.760
0.800
0.840
0.0299
0.0314
0.0330


Numéro de pièce similaire - SI8812DB

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI8812DB VISHAY-SI8812DB_V01 Datasheet
221Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI8812DB

FabricantNo de pièceFiches techniqueDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com