Moteur de recherche de fiches techniques de composants électroniques |
|
ULN2003ADRG3 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
ULN2003ADRG3 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 28 page 7C 6C 5C 4C 3C 2C 1C COM 7 6 5 4 3 2 1 7B 6B 5B 4B 3B 2B 1B 10 11 12 13 14 15 16 9 ULN2002A, ULN2003A, ULN2003AI, ULN2004A ULQ2003A, ULQ2004A SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013 www.ti.com ORDERING INFORMATION(1) TA PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING ULN2002AN ULN2002AN PDIP – N Tube of 25 ULN2003AN ULN2003AN ULN2004AN ULN2004AN Tube of 40 ULN2003AD Reel of 2500 ULN2003ADR ULN2003A SOIC – D Reel of 2500 ULN2003ADRG3 –20°C to 70°C Tube of 40 ULN2004AD ULN2004A Reel of 2500 ULN2004ADRG3 ULN2003ANSR ULN2003A SOP – NS Reel of 2000 ULN2004ANSR ULN2004A Tube of 90 ULN2003APW TSSOP – PW UN2003A Reel of 2000 ULN2003APWR ULQ2003AN ULQ2003A PDIP – N Tube of 25 ULQ2004AN ULQ2004AN Tube of 40 ULQ2003AD –40°C to 85°C ULQ2003A Reel of 2500 ULQ2003ADR SOIC – D Tube of 40 ULQ2004AD ULQ2004A Reel of 2500 ULQ2004ADR SOP – NS Reel of 2000 ULN2003AINSR ULN2003AI PDIP – N Tube of 425 ULN2003AIN ULN2003AIN –40°C to 105°C Tube of 40 ULN2003AID SOIC – D ULN2003AI Reel of 2500 ULN2003AIDR TSSOP – PW Reel of 2500 ULN2003AIPWR UN2003AI (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. LOGIC DIAGRAM 2 Submit Documentation Feedback Copyright © 1976–2013, Texas Instruments Incorporated Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A |
Numéro de pièce similaire - ULN2003ADRG3 |
|
Description similaire - ULN2003ADRG3 |