Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2855BN Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2855BN
Description  High Performance Power Factor Preregulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2855BN Fiches technique(HTML) 1 Page - Texas Instruments

  UC2855BN Datasheet HTML 1Page - Texas Instruments UC2855BN Datasheet HTML 2Page - Texas Instruments UC2855BN Datasheet HTML 3Page - Texas Instruments UC2855BN Datasheet HTML 4Page - Texas Instruments UC2855BN Datasheet HTML 5Page - Texas Instruments UC2855BN Datasheet HTML 6Page - Texas Instruments UC2855BN Datasheet HTML 7Page - Texas Instruments UC2855BN Datasheet HTML 8Page - Texas Instruments UC2855BN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
UC2855A/B
UC3855A/B
DESCRIPTION
The UC3855A/B provides all the control features necessary for high
power, high frequency PFC boost converters. The average current mode
control method allows for stable, low distortion AC line current program-
ming without the need for slope compensation. In addition, the UC3855
utilizes an active snubbing or ZVT (Zero Voltage Transition technique) to
dramatically reduce diode recovery and MOSFET turn-on losses, result-
ing in lower EMI emissions and higher efficiency. Boost converter switch-
ing frequencies up to 500kHz are now realizable, requiring only an
additional small MOSFET, diode, and inductor to resonantly soft switch
the boost diode and switch. Average current sensing can be employed us-
ing a simple resistive shunt or a current sense transformer. Using the cur-
rent sense transformer method, the internal current synthesizer circuit
buffers the inductor current during the switch on-time, and reconstructs the
inductor current during the switch off-time. Improved signal to noise ratio
and negligible current sensing losses make this an attractive solution for
higher power applications.
The UC3855A/B also features a single quadrant multiplier, squarer, and
divider circuit which provides the programming signal for the current loop.
The internal multiplier current limit reduces output power during low line
conditions. An overvoltage protection circuit disables both controller out-
puts in the event of a boost output OV condition.
Low startup supply current, UVLO with hysteresis, a 1% 7.5V reference,
voltage amplifier with softstart, input supply voltage clamp, enable com-
parator, and overcurrent comparator complete the list of features. Avail-
able packages include: 20 pin N, DW, Q, J, and L.
BLOCK DIAGRAM
High Performance Power Factor Preregulator
FEATURES
• Controls Boost PWM to Near Unity
Power Factor
• Fixed Frequency Average Current
Mode Control Minimizes Line Current
Distortion
• Built-in Active Snubber (ZVT) allows
Operation to 500kHz, improved EMI
and Efficiency
• Inductor Current Synthesizer allows
Single Current Transformer Current
Sense for Improved Efficiency and
Noise Margin
• Accurate Analog Multiplier with Line
Compensator allows for Universal
Input Voltage Operation
• High Bandwidth (5MHz), Low Offset
Current Amplifier
• Overvoltage and Overcurrent
protection
• Two UVLO Threshold Options
• 150µA Startup Supply Current Typical
• Precision 1% 7.5V Reference
SLUS328B JUNE 1998 - REVISED October 2005
License Patent from Pioneer Magnetics. Pin numbers refer to DIL-20 J or N packages.
UDG-94001-2
application
INFO
available


Numéro de pièce similaire - UC2855BN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2855BN TI-UC2855BN Datasheet
493Kb / 12P
[Old version datasheet]   High Performance Power Factor Preregulator
More results

Description similaire - UC2855BN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2855A TI-UC2855A Datasheet
493Kb / 12P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com