Moteur de recherche de fiches techniques de composants électroniques |
|
UC2902 Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
UC2902 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 10 page UC2902 UC3902 SLUS232E − DECEMBER 19, 2002 − REVISED JULY 2011 7 www.ti.com The share loop compensation capacitor, CC is calculated to produce the desired share loop unity gain crossover frequency, fC. The share loop error amplifier’s transconductance, gM is nominally 4.5 ms. The values of the resistors are already known. Typically, fC is set to at least one order of magnitude below the converter’s closed loop bandwidth. The load share circuit is primarily intended to compensate for each converter’s initial output voltage tolerance and temperature drift, not for differences in their transient response. The term APWR(fc) is the gain of the power supply measured at the desired share loop crossover frequency, fC. This gain can be measured by injecting the measurement signal between the positive output and the positive sense terminal of the power supply. Step 5. RC + 1 2p fC CC A resistor in series with CC is required to boost the phase margin of the load share loop. The zero is placed at the load share loop crossover frequency, fC. When the system is powered up, the converter with the highest output voltage tends to source the most current and take control of the share bus. The other converters increase their output voltages until their output currents are proportional to the share bus voltage minus 50 mV. The converter which in functioning as the master may change due to warmup drift and differences in load and line transient response of each converter. ADDITIONAL INFORMATION Please refer to the following topic for additional application information. 1. Application Note U−163, (TI Literature No. SLUA128) The UC3902 Load Share Controller and Its Performance in Distributed Power Systems by Laszlo Balogh (6) |
Numéro de pièce similaire - UC2902 |
|
Description similaire - UC2902 |