Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2902 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2902
Description  LOAD SHARE CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2902 Fiches technique(HTML) 5 Page - Texas Instruments

  UC2902 Datasheet HTML 1Page - Texas Instruments UC2902 Datasheet HTML 2Page - Texas Instruments UC2902 Datasheet HTML 3Page - Texas Instruments UC2902 Datasheet HTML 4Page - Texas Instruments UC2902 Datasheet HTML 5Page - Texas Instruments UC2902 Datasheet HTML 6Page - Texas Instruments UC2902 Datasheet HTML 7Page - Texas Instruments UC2902 Datasheet HTML 8Page - Texas Instruments UC2902 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UC2902
UC3902
SLUS232E − DECEMBER 19, 2002 − REVISED JULY 2011
5
www.ti.com
ORDERING INFORMATION
TA
PACKAGE(2)
PART NUMBER
40°C to 85°C
SOIC (D)
UC2902D
−40°C to 85°C
Plastic DIP (N)
UC2902N
0°C to 70°C
SOIC (D)
UC3902D
0°C to 70°C
Plastic DIP (N)
UC3902N
(2) The D package is also available taped and reeled. Add an R suffix to the device type (i.e., bq24901DR) for quantities of 3,000 devices per reel.
1
2
3
4
8
7
6
5
GND
SENSE
ADJ
ADJR
VCC
SHARE+
SHARE−
COMP
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
GND
SENSE
ADJ
ADJR
VCC
SHARE+
SHARE−
COMP
N PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADJ
3
I
Current output of the adjust amplifier circuit (NPN collector)
ADJR
4
O
Current adjust amplifier range set (NPN emitter)
COMP
5
I/O
Output of the error amplifier, input of the adjust amplifier
GND
1
Local power supply return and signal ground
SENSE
2
I
Inverting input of the current sense amplifier
SHARE+
7
I/O
Positive input from share bus or drive-to-share bus
SHARE−
6
I
Reference for SHARE+ pin
VCC
8
I
Local power supply (positive)


Numéro de pièce similaire - UC2902

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2902 TI-UC2902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
More results

Description similaire - UC2902

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
   HIGH/LOW SIDE LOAD SHARE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com