Moteur de recherche de fiches techniques de composants électroniques |
|
UC2833J Fiches technique(PDF) 1 Page - Texas Instruments |
|
UC2833J Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 20 page SLUS387A - JUNE 1994 - REVISED - MAY 2003 BLOCK DIAGRAMS • Precision 1% Reference • Over-Current Sense Threshold Accurate to 5% • Programmable Duty-Ratio Over-Current Protection • 4.5 V to 36 V Operation • 100mA Output Drive, Source , or Sink • Under-Voltage Lockout Additional Features of the UC 2832 series: • Adjustable Current Limit to Current Sense Ratio • Separate +VIN terminal • Programmable Driver Current Limit • Access to VREF and E/A(+) • Logic-Level Disable Input The UC 2832 and UC3833 series of precision linear regulators include all the control functions required in the design of very low dropout linear regulators. Additionally, they feature an innovative duty-ratio current limiting technique which provides peak load capability while limiting the average power dissipa- tion of the external pass transistor during fault conditions. When the load cur- rent reaches an accurately programmed threshold, a gated-astable timer is enabled, which switches the regulator’s pass device off and on at an externally programmable duty-ratio. During the on-time of the pass element, the output current is limited to a value slightly higher than the trip threshold of the duty-ra- tio timer. The constant-current-limit is programmable on the UCx832 to allow higher peak current during the on-time of the pass device. With duty-ratio con- trol, high initial load demands and short circuit protection may both be accom- modated without extra heat sinking or foldback current limiting. Additionally, if the timer pin is grounded, the duty-ratio timer is disabled, and the IC operates in constant-voltage/constant-current regulating mode. These IC’s include a 2 Volt ( ±1%) reference, error amplifier, UVLO, and a high current driver that has both source and sink outputs, allowing the use of either NPN or PNP external pass transistors. Safe operation is assured by the inclu- sion of under-voltage lockout (UVLO) and thermal shutdown. The UC 3833 family includes the basic functions of this design in a low-cost, 8- pin mini-dip package, while the UC 2832 series provides added versatility with the availability of 14 pins. Packaging options include plastic (N suffix), or ce- ramic (J suffix). Specified operating temperature ranges are: commercial (0°C to 70°C), order UC3832/3 (N or J); and industrial (–40°C to 85°C), order UC2832/3 (N or J). Surface mount packaging is also available. UC1832 UC2832/3 UC3832/3 Precision Low Dropout Linear Controllers FEATURES DESCRIPTION UDG-92040 |
Numéro de pièce similaire - UC2833J |
|
Description similaire - UC2833J |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |