Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2853DTR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2853DTR
Description  High Power Factor Preregulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2853DTR Fiches technique(HTML) 1 Page - Texas Instruments

  UC2853DTR Datasheet HTML 1Page - Texas Instruments UC2853DTR Datasheet HTML 2Page - Texas Instruments UC2853DTR Datasheet HTML 3Page - Texas Instruments UC2853DTR Datasheet HTML 4Page - Texas Instruments UC2853DTR Datasheet HTML 5Page - Texas Instruments UC2853DTR Datasheet HTML 6Page - Texas Instruments UC2853DTR Datasheet HTML 7Page - Texas Instruments UC2853DTR Datasheet HTML 8Page - Texas Instruments UC2853DTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UC1853
UC2853
UC3853
The UC3853 provides simple, yet high performance active power factor
correction. Using the same control technique as the UC1854, this 8-pin de-
vice exploits a simplified architecture and an internal oscillator to minimize
external component count. The UC3853 incorporates a precision multi-
plier/squarer/divider circuit, voltage and current loop error amplifiers, and a
precision voltage reference to implement average current mode control
with RMS line voltage compensation. This control technique maintains con-
stant loop gain with changes in input voltage, which minimizes input line
current distortion over the worldwide input voltage range.
The internal 75kHz oscillator includes an external clock input, allowing syn-
chronization to downstream converters. Additionally, the device features an
overvoltage protection comparator, a clamped MOSFET gate driver which
self-biases low during undervoltage lockout, and low startup and supply
current.
These devices are available in 8-pin plastic and ceramic dual in-line (DIP)
packages, and 8-lead small outline (SOIC) packages. The UC1853 is
specified for operation from –55°C to +125°C, the UC2853 is specified for
operation from –25°C to +85°C, and the UC3853 is specified for operation
from 0°C to +70°C.
High Power Factor Preregulator
Complete 8-pin Power Factor
Solution
Reduced External Components
RMS Line Voltage Compensation
Precision Multiplier/Squarer/Divider
Internal 75kHz Synchronizable
Oscillator
Average Current Mode PWM
Control
Overvoltage Protection Comparator
High Current, Clamped Gate Driver
BLOCK DIAGRAM
11/97
FEATURES
DESCRIPTION
UDG-94120-1


Numéro de pièce similaire - UC2853DTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853DTR TI1-UC2853DTR Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC2853DTRG4 TI1-UC2853DTRG4 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
More results

Description similaire - UC2853DTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com