Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2853DTR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2853DTR
Description  High Power Factor Preregulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2853DTR Fiches technique(HTML) 2 Page - Texas Instruments

  UC2853DTR Datasheet HTML 1Page - Texas Instruments UC2853DTR Datasheet HTML 2Page - Texas Instruments UC2853DTR Datasheet HTML 3Page - Texas Instruments UC2853DTR Datasheet HTML 4Page - Texas Instruments UC2853DTR Datasheet HTML 5Page - Texas Instruments UC2853DTR Datasheet HTML 6Page - Texas Instruments UC2853DTR Datasheet HTML 7Page - Texas Instruments UC2853DTR Datasheet HTML 8Page - Texas Instruments UC2853DTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
UC1853
UC2853
UC3853
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) .............................40V
Output Drive Current,
Continuous ................................ 0.125A
Peak ....................................... 0.5A
Output Minimum Voltage ......................... –0.3V
IAC Maximum Input Current ........................1mA
IMO Maximum Output Current ..................... –2mA
IMO Minimum Voltage ........................... –0.3V
FB Maximum Input Voltage ..........................5V
VCOMP Maximum Voltage......................... 6.2V
ICOMP Sourcing Current .................... Self-Limiting
ICOMP Sinking Current .......................... 20mA
ICOMP Maximum Voltage ......................... 7.2V
Storage Temperature ................... –65°C to +150°C
Junction Temperature ................... –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300°C
All voltages with respect to GND. Currents are positive into,
negative out of the specified terminal. Consult Packaging Section
of Databook for thermal limitations and considerations of
packages.
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these parameters apply for TA = –55°C to +125°C for the
UC1853; –25°C to +85°C for the 2853; and 0°C to +70°C for the UC3853; VCC =
16V, VFB = 3V, IAC = 100
mA, VVCOMP = 3.75V, VICOMP = 3V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout Section
VCC Turn-on Threshold
VVCOMP,VICOMP Open
11.5
13
V
Hysteresis
1.5
1.8
2.1
V
Supply Current Section
IVCC Startup
VCC = 8V, IAC = 100
µA; VVCOMP,VICOMP Open
250
500
mA
IVCC
IAC=0
µA, VICOMP =0V
10
15
mA
Voltage Loop Error Amplifier Section
Transconductance
IOUT=±20
µA 0-70C
300
450
575
µmho
Temperature
135
640
µmho
Input Voltage
0-70C
2.925
3
3.075
V
Temperature
2.9
3.1
V
AVOL
VVCOMP =1V–4V
50
60
dB
Output Sink Current
VFB = 3.2V, VVCOMP = 3.75V
20
50
µA
Output Source Current
VFB = 2.8V, VVCOMP = 3.75V
–50
–20
µA
Output Voltage High
5.5
6
V
Output Voltage Low
0.6
0.9
V
Current Loop Error Amplifier Section
Offset Voltage
06
mV
Voltage Gain
VICOMP =1V–4V
70
dB
Sink Current
VIMO = 100mV, VICOMP =3V
1
mA
Source Current
VIMO = –0.1V, VICOMP = 3V
–150
–80
mA
Output High
IICOMP = –50mA
6
6.8
V
Output Low
IICOMP =50
mA
0.3
0.8
V
PWM Modulator Gain
VICOMP = 2V – 3V (Note 1)
20
%/V
CONNECTION DIAGRAM
DIL-8, SOIC-8 (Top View)
JorN, D Package


Numéro de pièce similaire - UC2853DTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853DTR TI1-UC2853DTR Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC2853DTRG4 TI1-UC2853DTRG4 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
More results

Description similaire - UC2853DTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com