Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2853DG4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce UC2853DG4
Description  High Power Factor Preregulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2853DG4 Fiches technique(HTML) 3 Page - Texas Instruments

  UC2853DG4 Datasheet HTML 1Page - Texas Instruments UC2853DG4 Datasheet HTML 2Page - Texas Instruments UC2853DG4 Datasheet HTML 3Page - Texas Instruments UC2853DG4 Datasheet HTML 4Page - Texas Instruments UC2853DG4 Datasheet HTML 5Page - Texas Instruments UC2853DG4 Datasheet HTML 6Page - Texas Instruments UC2853DG4 Datasheet HTML 7Page - Texas Instruments UC2853DG4 Datasheet HTML 8Page - Texas Instruments UC2853DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
UC1853
UC2853
UC3853
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these parameters apply for TA = –55°C to +125°C for the
UC1853; –25°C to +85°C for the 2853; and 0°C to +70°C for the UC3853; VCC =
16V, VFB = 3V, IAC = 100
mA, VVCOMP = 3.75V, VICOMP = 3V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Multiplier Section
Output Current – IAC Limited
VCC = 11V, VVCOMP = 6V
–230
–200
–170
µA
Output Current – Zero
IAC = 0
µA
–2
–0.2
2
µA
Output Current – Power Limited
VCC = 12V, VVCOMP = 5.5V
–236
–178
–168
µA
Output Current
VCC= 12V, VVCOMP = 2V
–22
µA
VCC= 12V, VVCOMP = 5V
–156
µA
VCC= 40V, VVCOMP =2V
–2
µA
VCC= 40V, VVCOMP = 5V
–14
µA
Multiplier Gain Constant
VCC= 12V, VVCOMP = 5.5V (Note 2)
–1.05
–0.9
–0.75
V
–1
Oscillator Section
Oscillator Initial Frequency
TA = 25°C
67.5
75
82.5
kHz
Oscillator Frequency
Line, Load, Temperature
56
75
94
kHz
Synchronization Frequency Range
100
kHz
Synchronization Pulse Amplitude
Pulse slew rate = 100V/
msec (Note 3)
2
V
Output Driver Section
Maximum Output Voltage
0mA load, VCC = 20V
12
15
17.5
V
Output High
0mA load, VCC = 12V, ref. to VCC
–2.7
–1.7
V
–50mA load, VCC = 12V, ref. to VCC
–3
–2.2
V
Output Low (Device Inactive)
Vcc = 0V, 20mA load (Sinking)
0.9
2.0
V
Output Low (Device Active)
50mA load (Sinking)
0.5
1
V
OUT Rise Time
1nF from OUT to GND
55
100
ns
OUT Fall Time
1nF from OUT to GND
35
100
ns
OUT Maximum Duty Cycle
VICOMP =0V
88
93
%
OVP Comparator Section
Threshold Voltage
Volts Above EA Input V
90
150
mV
Hysteresis
80
mV
Note 1:
PWM modulator gain
DutyCycle
VICOMP
=
Note 2:
Gain constant K
IAC VCOMP
V
IMO VCC
VCC
()
(– .
)
=
••
15
64
, VCC = 12V.
Note 3.
Synchronization is accomplished with a falling edge of 2V mag-
nitude and 100V/
µsec slew rate.
(continued)


Numéro de pièce similaire - UC2853DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853DG4 TI1-UC2853DG4 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
More results

Description similaire - UC2853DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com