Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2879J Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce UC2879J
Description  PHASE SHIFT RESONANT CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2879J Fiches technique(HTML) 8 Page - Texas Instruments

Back Button UC2879J Datasheet HTML 4Page - Texas Instruments UC2879J Datasheet HTML 5Page - Texas Instruments UC2879J Datasheet HTML 6Page - Texas Instruments UC2879J Datasheet HTML 7Page - Texas Instruments UC2879J Datasheet HTML 8Page - Texas Instruments UC2879J Datasheet HTML 9Page - Texas Instruments UC2879J Datasheet HTML 10Page - Texas Instruments UC2879J Datasheet HTML 11Page - Texas Instruments UC2879J Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.ti.com
(
)
2.5
RT
10 mA
1
Dlin
=
·
-
ADDITIONAL INFORMATION
UC1879
UC2879
UC3879
SLUS230B – JUNE 1998 – REVISED JUNE 2007
PIN DESCRIPTIONS (continued)
RT (Clock/Sync Duty Cycle Set Pin): The UC3879 oscillator produces a sawtooth waveform. The rising edge is
generated by connecting a resistor from RT to GND and a capacitor from CT to GND (see CT pin description).
During the rising edge, the modulator has linear control of the duty cycle. The duty cycle jumps to 100% when
the voltage on COMP exceeds the oscillator peak voltage. Selection of RT should be done first, based on the
required upper end of the linear duty cycle range (Dlin) as follows:
Recommended values for RT range from 2.5 k
Ω to 100 kΩ.
SS: Connect a capacitor between this pin and GND to set the soft start time. The voltage at SS will remain near
zero volts as long as VIN is below the UVLO threshold. Soft start will be pulled up to about 4.8 V by an internal
9-
µA current source when VIN and VREF become valid (assuming a non-fault condition). In the event of a
current fault (CS voltage exceeding 2.5 V), soft start will be pulled to GND and then ramp to 4.8 V. If a fault
occurs during the soft start cycle, the outputs will be immediately disabled and soft start must fully charge prior
to resetting the fault latch. For paralleled controllers, the soft start pins may be paralleled to a single capacitor,
but the charge currents will be additive.
UVSEL: Connecting this pin to VIN sets a turn on voltage of 10.75 V with 1.5 V of UVLO hysteresis. Leaving the
pin open-circuited programs a turn on voltage of 15.25 V with 6 V of hysteresis.
VC (Output Switch Supply Voltage): This pin supplies power to the output drivers and their associated bias
circuitry. The difference between the output high drive and VC is typically 2.1 V. This supply should be bypassed
directly to PWRGND with a low ESR/ESL capacitor.
VIN (Primary Chip Supply Voltage): This pin supplies power to the logic and analog circuitry on the integrated
circuit that is not directly associated with driving the output stages. Connect VIN to a stable source above 12 V
for normal operation. To ensure proper functionality, the UC3879 is inactive until VIN exceeds the upper
undervoltage lockout threshold. This pin should be bypassed directly to GND with a low ESR/ESL capacitor.
NOTE:
When VIN exceeds the UVLO threshold the supply current (IIN) jumps from about 100
A to greater than 20 mA. If the UC3879 is not connected to a well bypassed supply, it
may immediately enter the UVLO state again. Therefore, sufficient bypass capacity
must be added to ensure reliable startup.
VREF: This pin provides an accurate 5 V voltage reference. It is internally short circuit current limited. VREF is
disabled while VIN is below the UVLO threshold. The circuit is also disabled until VREF reaches approximately
4.75 V. For best results bypass VREF with a 0.1
µF, low ESR/ESL capacitor.
Please refer to the following Unitrode publications for additional information. The following three topics are
available in the Applications Handbook.
1. Application Note U-154, The New UC3879 Phase- Shifted PWM Controller Simplifies the Design of Zero
Voltage Transition Full-Bridge Converters, by Laszlo Balogh.
2. Application Note U-136, Phase Shifted, Zero Voltage Transition Design Considerations and the UC3875
PWM Controller, by Bill Andreycak.
3. Design Note DN-63, The Current-Doubler Rectifier: An Alternative Rectification Technique for Push-Pull
and Bridge Converters, by Laszlo Balogh.
8
Submit Documentation Feedback


Numéro de pièce similaire - UC2879J

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879 TI-UC2879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
More results

Description similaire - UC2879J

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com