Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2903DWG4 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2903DWG4
Description  Quad Supply and Line Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2903DWG4 Fiches technique(HTML) 2 Page - Texas Instruments

  UC2903DWG4 Datasheet HTML 1Page - Texas Instruments UC2903DWG4 Datasheet HTML 2Page - Texas Instruments UC2903DWG4 Datasheet HTML 3Page - Texas Instruments UC2903DWG4 Datasheet HTML 4Page - Texas Instruments UC2903DWG4 Datasheet HTML 5Page - Texas Instruments UC2903DWG4 Datasheet HTML 6Page - Texas Instruments UC2903DWG4 Datasheet HTML 7Page - Texas Instruments UC2903DWG4 Datasheet HTML 8Page - Texas Instruments UC2903DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DESCRIPTION (CONT.)
CONNECTION DIAGRAMS
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
+VIN
V
(2.5V)
REF
GND
WINDOW ADJUST
SENSE4
INVERT INPUT
SENSE4
G.P.OP-AMP INV.
LINE/SWITCHERSENSE
POWEROK
UVDELAY
UVFAULT
SENSE3
SENSE2
SENSE1
G.P.OP-AMP N.I.
G.P.OP-AMP OUT
OVFAULT
OVDELAY
DIL-18,SOIC-18
JorN,DWPACKAGE
(TOP VIEW)
3
2
1 20 19
18
17
16
15
14
9
11 12 13
10
4
5
6
7
8
WINDOW ADJUST
GND
NC
SENSE4INVERT
INPUT
SENSE4
UVFAULT
UVDELAY
LINE/SWITCHER
SENSE
POWEROK
G.P.OP-AMP OUT
PLCC-20,LCC-20
Q,L PACKAGE
(TOP VIEW)
ABSOLUTE MAXIMUM RATINGS
(1)
UC1903
UC2903
UC3903
SLUS233A – OCTOBER 1999 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
An additional, uncommitted, general purpose op-amp is also included. This op-amp, capable of sourcing 20 mA
of output current, can be used for a number of auxiliary functions including the sensing and amplification of a
feedback error signal when the 2.5-V output is used as a system reference.
These parts operate over an 8-V to 40-V input supply range and require a typical stand-by current of only 7 mA.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
+VIN
Supply Voltage
+40
V
Open Collector Output Voltages.
+40
V
Open Collector Output Currents.
50
mA
Sense 1-4 Input Voltages
–0.3 to +20
V
Line/Switcher Sense Input Voltage
–0.3 to +40
V
Op-Amp and Inverter Input Voltages
–0.3 to +40
V
Op-Amp and Inverter Output Currents .
–40
mA
Window Adjust Voltage.
0.0 to +10
V
Delay Pin Voltages
0.0 to +5
V
Reference Output Current
–40
mA
Power Dissipation at TA = 25°C
(1)
1000
mW
Power Dissipation at TC = 25°C
(1)
2000
mW
Operating Junction Temperature
–55 to +150
°C
Storage Temperature
–65 to +150
C
Lead Temperature (Soldering, 10 Seconds)
300
°C
(1)
Voltages are referenced to ground (Pin 3). Currents are positive into, negative out of, the specified terminals. Consult Packaging Section
of Databook for thermal limitations and considerations of package.
2
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1903 UC2903 UC3903


Numéro de pièce similaire - UC2903DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2903DWG4 TI1-UC2903DWG4 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
More results

Description similaire - UC2903DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com