Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2879DW Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2879DW
Description  PHASE SHIFT RESONANT CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2879DW Fiches technique(HTML) 1 Page - Texas Instruments

  UC2879DW Datasheet HTML 1Page - Texas Instruments UC2879DW Datasheet HTML 2Page - Texas Instruments UC2879DW Datasheet HTML 3Page - Texas Instruments UC2879DW Datasheet HTML 4Page - Texas Instruments UC2879DW Datasheet HTML 5Page - Texas Instruments UC2879DW Datasheet HTML 6Page - Texas Instruments UC2879DW Datasheet HTML 7Page - Texas Instruments UC2879DW Datasheet HTML 8Page - Texas Instruments UC2879DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION
BLOCK DIAGRAM
UC1879
UC2879
UC3879
SLUS230B – JUNE 1998 – REVISED JUNE 2007
PHASE SHIFT RESONANT CONTROLLER
• Programmable Output Turn On Delay; Zero
The UC3879 controls a bridge power stage by phase
Delay Available
shifting the switching of one half-bridge with respect
to the other. This allows constant frequency pulse
• Compatible with Voltage Mode or Current
width modulation in combination with resonant,
Mode Topologies
zero-voltage
switching
for
high
efficiency
• Practical Operation at Switching Frequencies
performance. The UC3879 can be configured to
to 300 kHz
provide control in either voltage mode or current
• 10-MHz Error Amplifier
mode operation, with overcurrent shutdown for fast
fault protection.
• Pin Programmable Undervoltage Lockout
Independently programmable time delays provide
• Low Startup Current – 150 µA
dead-time at the turn-on of each output stage,
• Soft Start Control
allowing time for each resonant switching interval.
• Outputs Active Low During UVLO
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - UC2879DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879 TI-UC2879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
More results

Description similaire - UC2879DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com