Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2879DW Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2879DW
Description  PHASE SHIFT RESONANT CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2879DW Fiches technique(HTML) 2 Page - Texas Instruments

  UC2879DW Datasheet HTML 1Page - Texas Instruments UC2879DW Datasheet HTML 2Page - Texas Instruments UC2879DW Datasheet HTML 3Page - Texas Instruments UC2879DW Datasheet HTML 4Page - Texas Instruments UC2879DW Datasheet HTML 5Page - Texas Instruments UC2879DW Datasheet HTML 6Page - Texas Instruments UC2879DW Datasheet HTML 7Page - Texas Instruments UC2879DW Datasheet HTML 8Page - Texas Instruments UC2879DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
(1)
THERMAL CHARACTERISTICS
UC1879
UC2879
UC3879
SLUS230B – JUNE 1998 – REVISED JUNE 2007
With the oscillator capable of operating in excess of 600 kHz, overall output switching frequencies to 300 kHz
are practical. In addition to the standard free running mode, with the CLKSYNC pin, the user may configure the
UC3879 to accept an external clock synchronization signal. Alternatively, up to three units can be locked
together with the operational frequency determined by the fastest device.
Protective features include an undervoltage lockout and overcurrent protection. Additional features include a
10-MHz error amplifier, a 5-V precision reference, and soft start. The UC3879 is available in 20 pin N, J, DW,
and Q and 28 pin L packages.
PARAMETER
VALUE
UNIT
Supply voltage (VC, VIN)
20
V
Output current, source or sink, dc
20
mA
Output current, source, sink peak for 0.1
µs at max frequency of 300
100
kHz
Analog inputs
(Pins 1, 2, 3, 4, 5, 6, 14, 15, 17, 18, 19)
–0.3 to 5.3
V
(Pin 16)
–0.03 to VIN
Analog outputs
(Pins 7, 8, 12, 13)
–0.3 to VC to 0.3
V
Storage temperature range
–65
°C to 150°C
Junction temperature
–55
°C to 150°C
°C
Lead temperature (soldering, 10 sec)
300°C
(1)
Pin references are to 20-pin DIL and SOIC packages. All voltages are with respect to ground unless otherwise stated. Currents are
positive into, negative out of the specified terminal.
over operating free-air temperature range (unless otherwise noted)
PACKAGE
θ
JA
θ
JC
J-20
70-85
28(1)
N-20
80(2)
35
DW-20 SOIC
45-95(2)
25
PLCC-20
43-75(2)
34
CLCC-20
N/A
5-8(2)(3)
(1)
θ
JC data values stated were derived from MIL-STD-1835B. MIL-STD-1835B states "The baseline values shown are worst case (mean
+2s) for a 60 x 60 mil microcircuit device silicon die and aplicable for devices with die sizes up to 14400 square mils. For devices die
sizes greater than 14400 square mils use the following values; dual-in-line, 11
°C/W; flat pacl 10°C/W; pin grid array, 10°C/W".
(2)
Specified
θ
JA (junction-to-ambient) is for devices mounted to 5-in
2 FR4 PC board with one ounce copper wire where noted. When
resistance range is given, lower values are for 5-in2 aluminum PC board. Test PWB was 0.062 in thick and typically used 0.635-mm
trace widths for power packages and 1.3-mm trace widths for non-power packages with a 100 x 100 mil probe land area at the end of
each trace.
(3)
θ
JC estimated for backside of device, through the metalized thermal conduction pads.
2
Submit Documentation Feedback


Numéro de pièce similaire - UC2879DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879 TI-UC2879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
More results

Description similaire - UC2879DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com