Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1903J883B Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC1903J883B
Description  Quad Supply and Line Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC1903J883B Fiches technique(HTML) 4 Page - Texas Instruments

  UC1903J883B Datasheet HTML 1Page - Texas Instruments UC1903J883B Datasheet HTML 2Page - Texas Instruments UC1903J883B Datasheet HTML 3Page - Texas Instruments UC1903J883B Datasheet HTML 4Page - Texas Instruments UC1903J883B Datasheet HTML 5Page - Texas Instruments UC1903J883B Datasheet HTML 6Page - Texas Instruments UC1903J883B Datasheet HTML 7Page - Texas Instruments UC1903J883B Datasheet HTML 8Page - Texas Instruments UC1903J883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UC1903
UC2903
UC3903
SLUS233A – OCTOBER 1999 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for the UC1903; –40°C to +85°C for the
UC2903; and 0°C to +70°C for the UC3903; +VIN = 15V; Sense Inputs (Pins 6–9 and Pin 15) = 2.5V; VPIN 4 = 1.0V, TA = TJ.
UC1903 / UC2903
UC3903
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
FAULT OUTPUTS (OV, UV, AND POWER 0K)
Maximum Current
VOUT = 2V
30
70
30
70
mA
Saturation Voltage
IOUT = 12mA
0.25
0.40
0.25
0.40
V
Leakage Current
VOUT = 40 V
3
25
3
25
µA
SENSE 4 INVERTER(3)
Input Offset Voltage
2
8
2
10
mV
Input Bias Current
0.1
2
0.1
4
µA
Open Loop Gain
65
80
65
80
dB
PSRR
+VIN = 8 to 40 V
65
100
65
100
dB
Unity Gain Frequency
1
1
MHz
Slew Rate
0.4
0.4
V/
µs
Short Circuit Current
TJ = 2°C
40
40
mA
G.P. OP-AMP(3)
Input Offset Voltage
1
5
1
8
mV
Input Bias Voltage
0.1
2
0.1
4
µA
Input Offset Current
0.01
.5
0.01
1.0
µA
Open Loop Gain
65
120
65
120
dB
CMRR
VCM = 0 to +VIN = 2.0V
65
100
65
100
dB
PSRR
+VIN = 8 to 40V
65
100
65
100
dB
Unity Gain Frequency
1
1
MHz
Slew Rate
0.4
0.4
V/
µs
Short Circuit Current
TJ = 25°C
40
40
mA
(3)
When either the G.P. OP-Amp, or the Sense 4 Inverter, are configured for sensing a negative supply voltage, the divider resistance at
the inverting input should be chosen such that the nominal divider current is
≤1.4mA. With the divider current at or below this level
possible latching of the circuit is avoided. Proper operation for currents at or below 1.4mA is 100% tested in production.
4
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1903 UC2903 UC3903


Numéro de pièce similaire - UC1903J883B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1903J883B TI1-UC1903J883B Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
More results

Description similaire - UC1903J883B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com