Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD7030BL Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDD7030BL
Description  30V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD7030BL Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDD7030BL Datasheet HTML 1Page - Fairchild Semiconductor FDD7030BL Datasheet HTML 2Page - Fairchild Semiconductor FDD7030BL Datasheet HTML 3Page - Fairchild Semiconductor FDD7030BL Datasheet HTML 4Page - Fairchild Semiconductor FDD7030BL Datasheet HTML 5Page - Fairchild Semiconductor FDD7030BL Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDD7030BL/FDU7030BL Rev. B(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain-Source Avalanche Ratings (Note 2)
EAS
Drain-Source Avalanche Energy
Single Pulse, VDD = 15 V, ID= 14A
174
mJ
IAS
Drain-Source Avalanche Current
14
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250
µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA,Referenced to 25°C
26
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
1
µA
IGSS
Gate–Body Leakage
VGS =
±20 V, V
DS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
1
1.8
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA,Referenced to 25°C
–5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 14 A
VGS = 4.5 V,
ID = 12 A
VGS = 10 V, ID = 14 A,TJ=125
°C
7.5
9.6
11
9.5
13
16
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
50
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 14 A
56
S
Dynamic Characteristics
Ciss
Input Capacitance
1425
pF
Coss
Output Capacitance
350
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
150
pF
RG
Gate Resistance
VOSC = 15 mV, f = 1.0 MHz
1.3
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
11
20
ns
tr
Turn–On Rise Time
9
18
ns
td(off)
Turn–Off Delay Time
31
50
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
13
23
ns
Qg
Total Gate Charge
14
20
nC
Qgs
Gate–Source Charge
4
nC
Qgd
Gate–Drain Charge
VDS = 15V,
ID = 14 A,
VGS = 5 V
5
nC


Numéro de pièce similaire - FDD7030BL

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FDD7030BL ISC-FDD7030BL Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FDD7030BL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com