Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD6612A Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDD6612A
Description  N-Channel, Logic Level, PowerTrench??MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6612A Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDD6612A Datasheet HTML 1Page - Fairchild Semiconductor FDD6612A Datasheet HTML 2Page - Fairchild Semiconductor FDD6612A Datasheet HTML 3Page - Fairchild Semiconductor FDD6612A Datasheet HTML 4Page - Fairchild Semiconductor FDD6612A Datasheet HTML 5Page - Fairchild Semiconductor FDD6612A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
February 2004
©2004 Fairchild Semiconductor Corporation
FDD6612A/FDU6612A Rev E(W)
FDD6612A/FDU6612A
30V N-Channel PowerTrench
® MOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers. It has been optimized for
low gate charge, low RDS( ON) , fast switching speed and
extremely low RDS(ON) in a small package.
Applications
• DC/DC converter
• Motor Drives
Features
• 30 A, 30 V
RDS(ON) = 20 m
Ω @ V
GS = 10 V
RDS(ON) = 28 m
Ω @ V
GS = 4.5 V
• Low gate charge
• Fast Switching
• High performance trench technology for extremely
low RDS(ON)
G
S
D
TO-252
D-PAK
(TO-252)
G D S
I-PAK
(TO-251AA)
S
G
D
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current @TC=25°C
(Note 3)
30
A
@TA=25°C
(Note 1a)
9.5
Pulsed
(Note 1a)
60
Power Dissipation
@TC=25°C
(Note 1)
36
@TA=25°C
(Note 1a)
2.8
PD
@TA=25°C
(Note 1b)
1.3
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
3.9
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
45
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
96
°C/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape width
Quantity
FDD6612A
FDD6612A
D-PAK (TO-252)
13’’
12mm
2500 units
FDU6612A
FDU6612A
I-PAK (TO-251)
Tube
N/A
75


Numéro de pièce similaire - FDD6612A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

Description similaire - FDD6612A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com