Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1451A-YF Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce 2SA1451A-YF
Description  High-Speed, High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1451A-YF Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  2SA1451A-YF Datasheet HTML 1Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 2Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 3Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 4Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1451A
2006-11-09
4
Collector current IC (A)
VBE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Common emitter
IC/IB = 20
Tc = −55°C
25
100
−0.1
−0.3
−1
−3
−10
−0.1
−0.3
−0.5
−1
−3
−5
−10
0
0
−0.4
−0.8
−1.2
−1.6
−2.0
−2.4
−2
−4
−6
−8
Common emitter
VCE = −1 V
Tc = 100°C
25
−55
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
PC – Ta
−1
−3
−10
−30
−100
−0.1
−0.3
−0.5
−1
−30
−10
−5
−3
IC max (pulsed)*
10 ms*
VCEO max
1 ms*
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly with
increase in temperature.
IC max
(continuous)
DC operation
Tc = 25°C
(1) Tc = Ta
Infinite heat sink
(2) No heat sink
50
0
0
40
80
120
160
200
240
10
20
30
40
(1)
(2)
Pulse width tw (s)
rth – tw
0.001
1000
10
100
0.01
0.1
30
0.3
3
1
100
10
1
0.1
Curves should be applied in thermal limited area.
(single nonrepetitive pulse)
(1) Infinite heat sink
(2) No heat sink
(1)
(2)


Numéro de pièce similaire - 2SA1451A-YF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SA1451A TOSHIBA-2SA1451A Datasheet
218Kb / 4P
   TRANSISTOR (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)
2SA1451A TOSHIBA-2SA1451A Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
logo
New Jersey Semi-Conduct...
2SA1451A NJSEMI-2SA1451A Datasheet
181Kb / 2P
   Silicon PNP Power Transistor
logo
Toshiba Semiconductor
2SA1451A TOSHIBA-2SA1451A_06 Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
More results

Description similaire - 2SA1451A-YF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GCA150AA120 ETC-GCA150AA120 Datasheet
495Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
2SK1120F TOSHIBA-2SK1120F Datasheet
258Kb / 5P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS
2SA1451A TOSHIBA-2SA1451A_06 Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
2SA1452A TOSHIBA-2SA1452A_06 Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
logo
SanRex Corporation
GSA400AA120 SANREX-GSA400AA120 Datasheet
497Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
2SK674 TOSHIBA-2SK674 Datasheet
66Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
logo
List of Unclassifed Man...
GCA75AA120 ETC-GCA75AA120 Datasheet
508Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
S2370 TOSHIBA-S2370 Datasheet
166Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
2SK1929 TOSHIBA-2SK1929 Datasheet
531Kb / 6P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
2SK2228 TOSHIBA-2SK2228 Datasheet
134Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
1996-12-01
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com