Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX14MTCX Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LCX14MTCX
Description  74LCX14 Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX14MTCX Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LCX14MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX14 Rev. 1.7.0
4
DC Electrical Characteristics
AC Electrical Characteristics
Note:
4. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
VCC (V)
Conditions
TA = –40°C to +85°C
Units
Min.
Max.
Vt+
Positive Input Threshold
2.5
0.9
1.7
V
3.0
1.2
2.2
Vt–
Negative Input Threshold
2.5
0.4
1.1
V
3.0
0.6
1.5
VH
Hysteresis
2.5
0.3
1.0
V
3.0
0.4
1.2
VOH
HIGH Level Output Voltage
2.3–3.6
IOH = –100µA
VCC – 0.2
V
2.3
IOH = -8mA
1.8
2.7
IOH = –12mA
2.2
3.0
IOH = –18mA
2.4
3.0
IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.3–3.6
IOL = 100µA
0.2
V
2.3
IOL = 8mA
0.6
2.7
IOL = 12mA
0.4
3.0
IOL = 16mA
0.4
3.0
IOL = 24mA
0.55
II
Input Leakage Current
2.3–3.6
0
≤ V
I ≤ 5.5V
±5.0
µA
IOFF
Power-Off Leakage Current
0
VI or VO = 5.5V
10
µA
ICC
Quiescent Supply Current
2.3–3.6
VI = VCC or GND
10
µA
3.6V
≤ V
I ≤ 5.5V
±10
∆I
CC
Increase in ICC per Input
2.3–3.6
VIH = VCC – 0.6V
500
µA
Symbol
Parameter
TA = –40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V,
CL = 50pF
VCC = 2.7V,
CL = 50pF
VCC = 2.5V ± 0.2V,
CL = 30pF
Min.
Max.
Min.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay
1.5
6.5
1.5
7.5
1.5
7.8
ns
tOSHL, tOSLH Output to Output Skew
(4)
1.0
ns


Numéro de pièce similaire - 74LCX14MTCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX14MTCX_NL FAIRCHILD-74LCX14MTCX_NL Datasheet
82Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
More results

Description similaire - 74LCX14MTCX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14 Datasheet
82Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
STMicroelectronics
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com