Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC6561 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDC6561
Description  Dual N-Channel Logic Level PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6561 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDC6561 Datasheet HTML 1Page - Fairchild Semiconductor FDC6561 Datasheet HTML 2Page - Fairchild Semiconductor FDC6561 Datasheet HTML 3Page - Fairchild Semiconductor FDC6561 Datasheet HTML 4Page - Fairchild Semiconductor FDC6561 Datasheet HTML 5Page - Fairchild Semiconductor FDC6561 Datasheet HTML 6Page - Fairchild Semiconductor FDC6561 Datasheet HTML 7Page - Fairchild Semiconductor FDC6561 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 1999
FDC6561AN
Dual N-Channel Logic Level PowerTrench
TM MOSFET
General Description
Features
Absolute Maximum Ratings
T
A = 25°C unless otherwise note
Symbol
Parameter
Ratings
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage - Continuous
±20
V
I
D
Drain Current - Continuous
2.5
A
- Pulsed
10
P
D
Maximum Power Dissipation
(Note 1a)
0.96
W
(Note 1b)
0.9
(Note 1c)
0.7
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
130
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
60
°C/W
FDC6561AN Rev.C
These N-Channel
Logic
Level
MOSFETs are
produced using Fairchild Semiconductor's advanced
PowerTrench process that has been especially tailored
to minimize the on-state resistance and yet maintain
low gate charge for superior switching performance.
These devices are well suited for all applications where
small size is desireable but especially low cost DC/DC
conversion in battery powered systems.
2.5 A, 30 V. R
DS(ON) = 0.095
@ V
GS = 10 V
R
DS(ON) = 0.145
@ V
GS = 4.5 V
Very fast switching.
Low gate charge (2.1nC typical).
SuperSOT
TM-6 package: small footprint (72% smaller than
standard SO-8); low profile (1mm thick).
SOIC-16
SOT-23
SuperSOT
TM-8
SO-8
SOT-223
SuperSOT
TM-6
D1
S2
G1
D2
S1
G2
SuperSOT -6
TM
pin 1
.561
1
5
3
2
6
4
© 1999 Fairchild Semiconductor Corporation


Numéro de pièce similaire - FDC6561

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC6506 FAIRCHILD-FDC6506 Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
FDC6506P FAIRCHILD-FDC6506P Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
logo
VBsemi Electronics Co.,...
FDC6506P VBSEMI-FDC6506P Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC653 FAIRCHILD-FDC653 Datasheet
70Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
FDC653N FAIRCHILD-FDC653N Datasheet
70Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Description similaire - FDC6561

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6930A FAIRCHILD-FDS6930A Datasheet
195Kb / 8P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6961A FAIRCHILD-FDS6961A Datasheet
241Kb / 8P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com