Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3904BU Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 2N3904BU
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3904BU Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  2N3904BU Datasheet HTML 1Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 2Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 3Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 4Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 5Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 6Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2N3904 / MMBT3904 / PZT3904 Rev. B0
6
Test Circuits
10 K
Ω
Ω
Ω
Ω
Ω
3.0 V
275
Ω
Ω
Ω
Ω
Ω
t
1
C
1
<<<<< 4.0 pF
Duty Cycle
===== 2%
Duty Cycle
===== 2%
<<<<< 1.0 ns
- 0.5 V
300 ns
10.6 V
10
<<<<< t
1 <
<<<< 500 μμμμμs
10.9 V
- 9.1 V
<<<<< 1.0 ns
0
0
10 K
Ω
Ω
Ω
Ω
Ω
3.0 V
275
Ω
Ω
Ω
Ω
Ω
C
1
<<<<< 4.0 pF
1N916
FIGURE 2: Storage and Fall Time Equivalent Test Circuit
FIGURE 1: Delay and Rise Time Equivalent Test Circuit
300ns
=
< 1.0ns
< 4.0pF
< 4.0pF
< 1.0ns
=
10 < t1 < 500 μs
Ω
Ω
k
Ω
k
Ω


Numéro de pièce similaire - 2N3904BU

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N3904BU ONSEMI-2N3904BU Datasheet
329Kb / 9P
   NPN General - Purpose Amplifier
July, 2021 ??Rev. 2
More results

Description similaire - 2N3904BU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com