Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC655AN Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDC655AN
Description  Single N-Channel, Logic Level, PowerTrenchTM MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC655AN Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDC655AN Datasheet HTML 1Page - Fairchild Semiconductor FDC655AN Datasheet HTML 2Page - Fairchild Semiconductor FDC655AN Datasheet HTML 3Page - Fairchild Semiconductor FDC655AN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FDC655AN Rev.B
Figure 10. Single Pulse Maximum Power
Dissipation.
0.1
0.5
1
2
5
10
30
50
100
200
500
1000
2000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0V
GS
C oss
C rss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical Characteristics
0.05
0.1
0.2
0.5
1
2
5
10
20 30
50
0.01
0.05
0.1
0.5
1
5
20
50
V
, DRAIN-SOURCE VOLTAGE (V)
DS
RDS(ON)
LIMIT
V
= 10V
SINGLE PULSE
R
=156°C/W
T = 25°C
GS
A
θJA
DC
1s
10ms
100ms
1ms
100us
0.01
0.1
1
10
100
300
0
1
2
3
4
5
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=156 °C/W
T = 25°C
θJA
A
0.00001
0.0001
0.001
0.01
0.1
1
10
100
300
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= 156 °C/W
T - T
= P * R
(t)
A
J
P(pk)
t1
t 2
θJA
θJA
θJA
θJA
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in note 1b.
Transient thermal response will change depending on the circuit board design.
0
3
6
9
12
15
18
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I = 6.3A
D
10V
15V
V
= 5V
DS


Numéro de pièce similaire - FDC655AN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
More results

Description similaire - FDC655AN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690A FAIRCHILD-FDS6690A Datasheet
457Kb / 6P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com