Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK216 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SK216
Description  Old Company Name in Catalogs and Other Documents
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK216 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SK216 Datasheet HTML 1Page - Renesas Technology Corp 2SK216 Datasheet HTML 2Page - Renesas Technology Corp 2SK216 Datasheet HTML 3Page - Renesas Technology Corp 2SK216 Datasheet HTML 4Page - Renesas Technology Corp 2SK216 Datasheet HTML 5Page - Renesas Technology Corp 2SK216 Datasheet HTML 6Page - Renesas Technology Corp 2SK216 Datasheet HTML 7Page - Renesas Technology Corp 2SK216 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK213, 2SK214, 2SK215, 2SK216
Rev.2.00 Sep 07, 2005 page 2 of 5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
2SK213
140
2SK214
160
2SK215
180
Drain to source voltage
2SK216
VDSX
200
V
Gate to source voltage
VGSS
±15
V
Drain current
ID
500
mA
Body to drain diode reverse drain current
IDR
500
mA
Pch
1.75
W
Channel dissipation
Pch*
1
30
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–45 to +150
°C
Note:
1. Value at TC = 25°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
2SK213
140
V
2SK214
160
V
2SK215
180
V
Drain to source breakdown
voltage
2SK216
V(BR)DSX
200
V
ID = 1 mA, VGS = –2 V
Gate to source breakdown voltage
V(BR)GSS
±15
V
IG = ±10 µA, VDS = 0
Gate to source voltage
VGS(on)
0.2
1.5
V
ID = 10 mA, VDS = 10 V *
2
Drain to source saturation voltage
VDS(sat)
2.0
V
ID = 10 mA, VGD = 0 *
2
Forward transfer admittance
|yfs|
20
40
mS
ID = 10 mA, VDS = 20 V *
2
Input capacitance
Ciss
90
pF
Reverse transfer capacitance
Crss
2.2
pF
ID = 10 mA, VDS = 10 V,
f = 1 MHz
Note:
2. Pulse test


Numéro de pièce similaire - 2SK216

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK216 HITACHI-2SK216 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK216 RENESAS-2SK216 Datasheet
65Kb / 6P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK216 ISC-2SK216 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK216-E RENESAS-2SK216-E Datasheet
65Kb / 6P
   Silicon N Channel MOS FET
logo
Sanyo Semicon Device
2SK2160 SANYO-2SK2160 Datasheet
84Kb / 3P
   Very High-Speed Switching Applications
More results

Description similaire - 2SK216

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com