Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC634 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDC634
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC634 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDC634 Datasheet HTML 1Page - Fairchild Semiconductor FDC634 Datasheet HTML 2Page - Fairchild Semiconductor FDC634 Datasheet HTML 3Page - Fairchild Semiconductor FDC634 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
November 1997
FDC634P
P-Channel Enhancement Mode Field Effect Transistor
General Description
Features
Absolute Maximum RatingsT
A = 25°C unless otherwise note
Symbol Parameter
FDC634P
Units
V
DSS
Drain-Source Voltage
-20
V
V
GSS
Gate-Source Voltage - Continuous
±8
V
I
D
Drain Current - Continuous
(Note 1a)
-3.5
A
- Pulsed
-11
P
D
Maximum Power Dissipation
(Note 1a)
1.6
W
(Note 1b)
0.8
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
30
°C/W
FDC634P Rev.C
These P-Channel logic level enhancement mode power
field effect transistors are produced using Fairchild's
proprietary, high cell density, DMOS technology. This very
high density process is especially tailored to minimize
on-state resistance. These devices are particularly suited
for low voltage applications such as cellular phone and
notebook computer power management and other battery
powered circuits where high-side switching, and low in-line
power loss are needed in a very small outline surface
mount package.
-3.5 A, -20 V. R
DS(ON) = 0.080
@ V
GS = -4.5 V
R
DS(ON) = 0.110
@ V
GS = -2.5 V.
SuperSOT
TM-6 package design using copper lead frame for
superior thermal and electrical capabilities.
High density cell design for extremely low R
DS(ON).
Exceptional on-resistance and maximum DC current
capability.
SOIC-16
SOT-23
SuperSOT
TM-8
SO-8
SOT-223
SuperSOT
TM-6
D
D
D
S
D
G
SuperSOT
-6
TM
.634
pin 1
3
5
6
4
1
2
3
© 1997 Fairchild Semiconductor Corporation


Numéro de pièce similaire - FDC634

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results

Description similaire - FDC634

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com