Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC6323 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FDC6323
Description  Integrated Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6323 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FDC6323 Datasheet HTML 2Page - Fairchild Semiconductor FDC6323 Datasheet HTML 3Page - Fairchild Semiconductor FDC6323 Datasheet HTML 4Page - Fairchild Semiconductor FDC6323 Datasheet HTML 5Page - Fairchild Semiconductor FDC6323 Datasheet HTML 6Page - Fairchild Semiconductor FDC6323 Datasheet HTML 7Page - Fairchild Semiconductor FDC6323 Datasheet HTML 8Page - Fairchild Semiconductor FDC6323 Datasheet HTML 9Page - Fairchild Semiconductor FDC6323 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
8mm
7” Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
2.165
55
0.331 +0.059/-0.000
8.4 +1.5/0
0.567
14.4
0.311 – 0.429
7.9 – 10.9
8mm
13” Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
4.00
100
0.331 +0.059/-0.000
8.4 +1.5/0
0.567
14.4
0.311 – 0.429
7.9 – 10.9
See detail AA
Dim A
max
13” Diameter Option
7” Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SSOT-6 Embossed Carrier Tape
Configuration: Figure 3.0
SSOT-6 Reel Configuration: Figure 4.0
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SSOT-6
(8mm)
3.23
+/-0.10
3.18
+/-0.10
8.0
+/-0.3
1.55
+/-0.05
1.00
+/-0.125
1.75
+/-0.10
6.25
min
3.50
+/-0.05
4.0
+/-0.1
4.0
+/-0.1
1.37
+/-0.10
0.255
+/-0.150
5.2
+/-0.3
0.06
+/-0.02
SuperSOTTM-6 Tape and Reel Data and Package Dimensions, continued
December 1998, Rev. B


Numéro de pièce similaire - FDC6323

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDC6323L ONSEMI-FDC6323L Datasheet
251Kb / 7P
   Integrated Load Switch
October-2017, Rev. 6
logo
TECH PUBLIC Electronics...
FDC6323L-TP TECHPUBLIC-FDC6323L-TP Datasheet
3Mb / 7P
   Load Switch with Level-Shift
More results

Description similaire - FDC6323

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com