Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC6323L Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDC6323L
Description  Integrated Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6323L Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDC6323L Datasheet HTML 1Page - Fairchild Semiconductor FDC6323L Datasheet HTML 2Page - Fairchild Semiconductor FDC6323L Datasheet HTML 3Page - Fairchild Semiconductor FDC6323L Datasheet HTML 4Page - Fairchild Semiconductor FDC6323L Datasheet HTML 5Page - Fairchild Semiconductor FDC6323L Datasheet HTML 6Page - Fairchild Semiconductor FDC6323L Datasheet HTML 7Page - Fairchild Semiconductor FDC6323L Datasheet HTML 8Page - Fairchild Semiconductor FDC6323L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FDC6323L Rev.F
Typical Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
Figure 1. V
DROP Versus IL at VIN=5V.
Figure 2. V
DROP Versus IL at VIN=3.3V.
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
I
(A)
L
V
= 5V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
IN
T = 125°C
J
T = 25°C
J
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
I
(A)
V
= 3.3V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
L
ON/OFF
IN
T = 125°C
J
T = 25°C
J
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
V
(V)
IN
I
= 1A
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
L
T = 125°C
J
T = 25°C
J
Figure 3. V
DROP Versus VIN at IL=1A.
0
1
2
3
4
5
0.1
0.15
0.2
0.25
0.3
0.35
0.4
I
,(A)
L
T = 125°C
J
T = 25°C
J
I
= 1A
V
= 3.3V
PW =300us, D
≤ 2%
IN
L
Figure 4. R
(ON) Versus IL at VIN=3.3V.
Figure 5. On Resistance Variation with
Input Voltage.
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
V
,(V)
IN
I
= 1A
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
L
T = 125°C
J
T = 25°C
J


Numéro de pièce similaire - FDC6323L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDC6323L ONSEMI-FDC6323L Datasheet
251Kb / 7P
   Integrated Load Switch
October-2017, Rev. 6
logo
TECH PUBLIC Electronics...
FDC6323L-TP TECHPUBLIC-FDC6323L-TP Datasheet
3Mb / 7P
   Load Switch with Level-Shift
More results

Description similaire - FDC6323L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com